Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFS520 Datasheet (PDF) - SHIKUES Electronics

BFS520 Datasheet PDF - SHIKUES Electronics
Part # BFS520
Download  BFS520 Download
File Size   530.28 Kbytes
Page   3 Pages
Manufacturer  SKTECHNOLGY [SHIKUES Electronics]
Direct Link  http://www.shikues.com
Logo SKTECHNOLGY - SHIKUES Electronics
Description NPN Silicon RF Transistor

BFS520 Datasheet (PDF)

Go To PDF Page Download Datasheet
BFS520 Datasheet PDF - SHIKUES Electronics

Part # BFS520
Download  BFS520 Click to download

File Size   530.28 Kbytes
Page   3 Pages
Manufacturer  SKTECHNOLGY [SHIKUES Electronics]
Direct Link  http://www.shikues.com
Logo SKTECHNOLGY - SHIKUES Electronics
Description NPN Silicon RF Transistor

BFS520 Datasheet (HTML) - SHIKUES Electronics


BFS520 Product details

Description
Ultra high frequency low noise transistor, planar NPN silicon Epitaxial bipolar process. With high power gain, low noise figure, large dynamic range and ideal current characteristics, the use of SOT -323 ultra compact chip package, mainly used in the VHF, UHF and CATV high frequency wideband low-noise amplifier

Feature
   High gain:︱S21e︱2 TYP. Value is 13dB @ VCE=8V,IC=40mA,f=0.9GHz
   Low noise: NF TYP. Value is 1.8dB           @ VCE=10V,IC=10mA,f=0.9GHz
   fT (TYP.) : TYP. Value is 9GHz                  @ VCE=8V,IC=40mA,f=1GHz




Similar Part No. - BFS520

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFS520 PHILIPS-BFS520 Datasheet
113Kb / 11P
NPN 9 GHz wideband transistor
September 1995
logo
Inchange Semiconductor ...
BFS520 ISC-BFS520 Datasheet
195Kb / 7P
isc Silicon NPN RF Transistor
logo
NXP Semiconductors
BFS520 NXP-BFS520 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
logo
DONGGUAN YOU FENG WEI E...
BFS520 YFWDIODE-BFS520 Datasheet
847Kb / 7P
NPN Transistor
logo
Quanzhou Jinmei Electro...
BFS520 JMNIC-BFS520_15 Datasheet
95Kb / 11P
NPN 9 GHz wideband transistor
More results


Similar Description - BFS520

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BF771 INFINEON-BF771 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF771W INFINEON-BF771W Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF772 INFINEON-BF772 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF775 INFINEON-BF775 Datasheet
70Kb / 3P
NPN Silicon RF Transistor
Nov-30-2000
BFG196 INFINEON-BFG196 Datasheet
60Kb / 6P
NPN Silicon RF Transistor
Jun-27-2001
BFG235 INFINEON-BFG235 Datasheet
99Kb / 6P
NPN Silicon RF Transistor
Oct-27-1999
BFP182W INFINEON-BFP182W Datasheet
77Kb / 7P
NPN Silicon RF Transistor
Aug-09-2001
BFP405F INFINEON-BFP405F Datasheet
58Kb / 4P
NPN Silicon RF Transistor
Dec-07-2001
BFP450 INFINEON-BFP450 Datasheet
74Kb / 7P
NPN Silicon RF Transistor
Aug-20-2001
BFP460 INFINEON-BFP460 Datasheet
134Kb / 5P
NPN Silicon RF Transistor
Jun-14-2004
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com