Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC1862 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # ISC1862
Description  isc Silicon NPN RF Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISC1862 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  ISC1862 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISC1862 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademar
1
isc Silicon NPN RF Transistor
ISC1862
DESCRIPTION
·
Collector Current :IC= 100mA
·
Collector-Emitter Breakdown Voltage-
: V(BR)CEO= 12V(Min)
·
High gain:
S21e ︱ 2 = 11 dB (typical) ( IC=20mA,f=1GHz)
·
Gain bandwidth product:
fT = 7 GHZ (typical) (IC=20mA)
APPLICATIONS
·
Designed for VHF, UHF and CATV high frequency
wideband low noise amplifier applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
20
V
VCEO
Collector-Emitter Voltage
12
V
VEBO
Emitter-Base Voltage
3.0
V
IC
Collector Current-Continuous
100
mA
PC
Collector Power Dissipation
200
mW
TJ
Junction Temperature
150
Tstg
Storage Temperature Range
-65~150


Similar Part No. - ISC1862

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISC1864 ISC-ISC1864 Datasheet
275Kb / 2P
isc Silicon NPN RF Transistor
ISC1864 ISC-ISC1864_V01 Datasheet
275Kb / 2P
isc Silicon NPN RF Transistor
ISC1868 ISC-ISC1868 Datasheet
216Kb / 1P
isc Triacs
More results

Similar Description - ISC1862

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC4260 ISC-2SC4260 Datasheet
152Kb / 6P
isc Silicon NPN RF Transistor
2SC4261 ISC-2SC4261 Datasheet
213Kb / 6P
isc Silicon NPN RF Transistor
BFS520 ISC-BFS520 Datasheet
195Kb / 7P
isc Silicon NPN RF Transistor
MMBR911L ISC-MMBR911L Datasheet
179Kb / 5P
isc Silicon NPN RF Transistor
MMBR941L ISC-MMBR941L Datasheet
260Kb / 9P
isc Silicon NPN RF Transistor
MMBR951L ISC-MMBR951L Datasheet
178Kb / 8P
isc Silicon NPN RF Transistor
BFG425W ISC-BFG425W Datasheet
292Kb / 2P
isc Silicon NPN RF Transistor
PRF957 ISC-PRF957 Datasheet
306Kb / 2P
isc Silicon NPN RF Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com