Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC1862 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # ISC1862
Description  isc Silicon NPN RF Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISC1862 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  ISC1862 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISC1862 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademar
2
isc Silicon NPN RF Transistor
ISC1862
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CBO
Collector-Base Breakdown Voltage
IC= 1uA ; IE= 0
20
V
ICBO
Collector Cutoff Current
VCB= 10V; IE= 0
0.1
μ
A
IEBO
Emitter-Base Cutoff Current
VEB= 1V; IE= 0
0.1
μ
A
hFE
DC Current Gain
IC= 10mA ; VCE= 6V
90
250
fT
Current-Gain—Bandwidth Product
VCE=10V,IC=20mA
5
7
GHz
Cre
Output feedback capacitance
VCB=10V,IE=0mA,f=1MHz
0.65
pF
| S21e |2
Power gain
VCE=10V,IC=20mA,f=1GHz
11
dB
NF
Noise factor
VCE=10V,IC=7mA,f=1GHz
1.5
dB
hFE Classifications
step
B
C
D
label
R24
R25
hFE
90-140
130-180
170-250



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com