Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6402-6 Datasheet(PDF) 1 Page - Linear Technology

Part # LT6402-6
Description  300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 6dB)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6402-6 Datasheet(HTML) 1 Page - Linear Technology

  LT6402-6 Datasheet HTML 1Page - Linear Technology LT6402-6 Datasheet HTML 2Page - Linear Technology LT6402-6 Datasheet HTML 3Page - Linear Technology LT6402-6 Datasheet HTML 4Page - Linear Technology LT6402-6 Datasheet HTML 5Page - Linear Technology LT6402-6 Datasheet HTML 6Page - Linear Technology LT6402-6 Datasheet HTML 7Page - Linear Technology LT6402-6 Datasheet HTML 8Page - Linear Technology LT6402-6 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
64026fa
LT6402-6
300MHz Low Distortion, Low
Noise Differential Amplifier/
ADC Driver (AV = 6dB)
The LT®6402-6 is a low distortion, low noise differential
amplifier/ADC driver for use in applications from DC to
300MHz. The LT6402-6 has been designed for ease of
use, with minimal support circuitry required. Exceptionally
low input-referred noise and low distortion (with either
single-ended or differential inputs) make the LT6402-6 an
excellent solution for driving high speed 12-bit and 14-bit
ADCs. In addition to the normal unfiltered outputs (+OUT
and –OUT), the LT6402-6 has a built-in 75MHz differential
low pass filter and an additional pair of filtered outputs
(+OUTFILTERED, –OUTFILTERED) to reduce external fil-
tering components when driving high speed ADCs. The
output common mode voltage is easily set via the VOCM
pin, eliminating an output transformer or AC-coupling
capacitors in many applications.
The LT6402-6 is designed to meet the demanding require-
ments of communications transceiver applications. It can
be used as a differential ADC driver, a general-purpose
differential gain block, or in other applications requir-
ing differential drive. The LT6402-6 can be used in data
acquisition systems required to function at frequencies
down to DC.
TheLT6402-6operatesona5Vsupplyandconsumes30mA.
It comes in a compact 16-lead 3mm × 3mm QFN package
and operates over a –40°C to 85°C temperature range.
n Differential ADC Driver for:
Imaging
Communications
n Differential Driver/Receiver
n Single Ended to Differential Conversion
n Differential to Single Ended Conversion
n Level Shifting
n IF Sampling Receivers
n SAW Filter Interfacing/Buffering
n 300 MHz –3dB Bandwidth
n Fixed Gain of 6dB
n Low Distortion:
49dBm OIP3, –85dBc HD3 (20MHz, 2VP-P)
n Low Noise:
18.6dB NF, en = 3.8nV/√Hz (20MHz)
n Differential Inputs and Outputs
n Additional Filtered Outputs
n Adjustable Output Common Mode Voltage
n DC- or AC-Coupled Operation
n Minimal Support Circuitry Required
n Small 0.75mm Profile 16-Lead 3mm × 3mm QFN
Package
Distortion vs Frequency, Differential Input, No RLOAD
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
64026 TA01a
IF IN
LT6402-6
–INA
–INB
VOCM
VCC
VEE
5V
+INB
+INA
10Ω
10Ω
LTC
®2249
0.1μF
0.1μF
0.1μF
0.1μF
+OUT
–OUT
AIN+
AIN–
VCM
FREQUENCY (MHz)
1
–100
–90
–80
–70
–60
–40
10
100
64026 TA01b
–50
FILTERED OUTPUTS
VOUT = 2VP-P
HD3
HD2


Similar Part No. - LT6402-6

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6402-6 LINER-LT6402-6 Datasheet
223Kb / 16P
1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LT6402-6 LINER-LT6402-6 Datasheet
1Mb / 28P
High Linearity Differential RF/IF Amplifier/ADC Driver
LT6402-6 LINER-LT6402-6 Datasheet
213Kb / 16P
2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LT6402-6 LINER-LT6402-6 Datasheet
377Kb / 26P
2.7GHz, 5V, Low Noise,Rail-to-Rail Input Differential Amplifier/Driver
LT6402-6 LINER-LT6402-6 Datasheet
238Kb / 16P
300MHz Low Distortion, Low Noise Differential Amplifier
More results

Similar Description - LT6402-6

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6402-20 LINER-LT6402-20 Datasheet
326Kb / 16P
300MHz Low Distortion, Low Noise Differential Amplifier/ ADC Driver (AV = 20dB)
LT1993-2 LINER-LT1993-2 Datasheet
671Kb / 20P
800MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 2V/V)
LT1993-4 LINER-LT1993-4 Datasheet
720Kb / 16P
900MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 4V/V)
LT1993-10 LINER-LT1993-10 Datasheet
739Kb / 16P
700MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 10V/V)
LT1994 LINER-LT1994 Datasheet
296Kb / 20P
Low Noise, Low Distortion Fully Differential Input/Output Amplifi er/Driver
LT6402-12 LINER-LT6402-12 Datasheet
230Kb / 16P
300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 12dB)
LTC6400-14 LINER-LTC6400-14 Datasheet
224Kb / 16P
2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LTC6400-26 LINER-LTC6400-26 Datasheet
219Kb / 16P
1.9GHz Low Noise, Low Distortion Differential ADC Driver for DC-300MHz
LTC6400-14 LINER-LTC6400-14_15 Datasheet
236Kb / 16P
2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LT1994 LINER-LT1994_15 Datasheet
231Kb / 20P
Low Noise, Low Distortion Fully Differential Input/ Output Amplifi er/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com