Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6402-6 Datasheet(PDF) 13 Page - Linear Technology

Part # LT6402-6
Description  300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 6dB)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6402-6 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT6402-6 Datasheet HTML 8Page - Linear Technology LT6402-6 Datasheet HTML 9Page - Linear Technology LT6402-6 Datasheet HTML 10Page - Linear Technology LT6402-6 Datasheet HTML 11Page - Linear Technology LT6402-6 Datasheet HTML 12Page - Linear Technology LT6402-6 Datasheet HTML 13Page - Linear Technology LT6402-6 Datasheet HTML 14Page - Linear Technology LT6402-6 Datasheet HTML 15Page - Linear Technology LT6402-6 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
64026fa
LT6402-6
can also be used, but since it is being driven differentially
it will appear at each filtered output as a single-ended
capacitance of twice the value. To halve the filter band-
width, for example, two 42pF capacitors could be added
(one from each filtered output to ground). Alternatively
one 21pF capacitor could be added between the filtered
outputs, again halving the filter bandwidth. Combinations
of capacitors could be used as well; a three capacitor
solution of 14pF from each filtered output to ground plus
a 14pF capacitor between the filtered outputs would also
halve the filter bandwidth (Figure 7).
Bandpass filtering is also easily implemented with just a
few external components. An additional 560pF and 62nH,
each added differentially between +OUTFILTERED and
–OUTFILTERED creates a bandpass filter with a 26MHz
center frequency, –3dB points of 23MHz and 30MHz, and
1.6dB of insertion loss (Figure 8).
Output Common Mode Adjustment
The LT6402-6’s output common mode voltage is set by the
VOCM pin. It is a high-impedance input, capable of setting
the output common mode voltage anywhere in a range
from 1.1V to 3.6V. Bandwidth of the VOCM pin is typically
200MHz, so for applications where the VOCM pin is tied to
a DC bias voltage, a 0.1μF capacitor at this pin is recom-
mended. For best distortion performance, the voltage at
the VOCM pin should be between 1.2V and 2.6V.
When interfacing with most ADCs, there is generally a
VOCM output pin that is at about half of the supply voltage
of the ADC. For 5V ADCs such as the LTC17XX family, this
VOCM output pin should be connected directly (with the
addition of a 0.1μF capacitor) to the input VOCM pin of the
LT6402-6. For 3V ADCs such as the LTC22XX families,
the LT6402-6 will function properly using the 1.65V from
the ADC’s VCM reference pin, but improved Spurious Free
Dynamic Range (SFDR) and distortion performance can
be achieved by level-shifting the LTC22XX’s VCM reference
voltage up to at least 1.8V. This can be accomplished as
shown in Figure 9 by using a resistor divider between the
LTC22XX’s VCMoutput pin and VCC and then bypassing the
LT6402-6’s VOCM pin with a 0.1μF capacitor. For a com-
mon mode voltage above 1.9V, AC coupling capacitors
are recommended between the LT6402-6 and LTC22XX
ADCs because of the input voltage range constraints of
the ADC.
Figure 7. LT6402-6 Internal Filter Topology Modified
for 1/2x Filter Bandwidth (3 External Capacitors)
Figure 8. LT6402-6 Output Filter Modified for Bandpass
Filtering (1 External Inductor, 1 External Capacitor)
Figure 9. Level Shifting 3V ADC VCM Voltage for
Improved SFDR
APPLICATIONS INFORMATION
VEE
VEE
64026 F07
50Ω
14pF
LT6402-6
–OUT
+OUT
50Ω
14pF
14pF
14pF
14pF
14pF
–OUTFILTERED
+OUTFILTERED
8
7
6
5
FILTERED OUTPUT
(37.5MHz)
VEE
VEE
64026 F08
50Ω
14pF
LT6402-6
–OUT
+OUT
50Ω
14pF
14pF
–OUTFILTERED
+OUTFILTERED
8
7
6
5
FILTERED OUTPUT
64026 F09
IF IN
LT6402-6
–INA
–INB
VOCM
2
31
6
7
1
2
+INB
+INA
14
13
15
80.6Ω
16
10Ω
10Ω
LTC22xx
0.1μF
0.1μF
+OUTFILTERED
–OUTFILTERED
AIN+
AIN–
4.02k
11k
1.9V
1.5V
3V
VCM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com