Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6557CDHC Datasheet(PDF) 1 Page - Linear Technology

Part # LT6557CDHC
Description  500MHz, 2200V/關s Gain of 2, Single Supply Triple Video Amplifi er with Input Bias Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6557CDHC Datasheet(HTML) 1 Page - Linear Technology

  LT6557CDHC Datasheet HTML 1Page - Linear Technology LT6557CDHC Datasheet HTML 2Page - Linear Technology LT6557CDHC Datasheet HTML 3Page - Linear Technology LT6557CDHC Datasheet HTML 4Page - Linear Technology LT6557CDHC Datasheet HTML 5Page - Linear Technology LT6557CDHC Datasheet HTML 6Page - Linear Technology LT6557CDHC Datasheet HTML 7Page - Linear Technology LT6557CDHC Datasheet HTML 8Page - Linear Technology LT6557CDHC Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LT6557
1
6557fa
500MHz, 2200V/µs Gain of 2,
Single Supply Triple Video
Amplifier with Input Bias Control
The LT®6557 is a high speed triple video amplifier with an
internal fixed gain of 2 and a programmable DC input bias
voltage. This amplifier features a 400MHz 2VP-P signal
bandwidth, 2200V/µs slew rate and a unique ability to
drive heavy output loads to 0.8V of the supply rails, mak-
ing the LT6557 ideal for a single 5V supply, wideband video
application. With just one resistor, the inputs of all three
amplifiers can be programmed to a common voltage level,
simplifying and reducing the need for external circuitry in
the AC-coupled applications. Without the programmable
resistor, the input bias circuit becomes inactive, allowing the
use of an external clamp circuit or direct coupled input.
The LT6557 has separate power supply and ground pins for
each amplifier to improve channel separation and to ease
power supply bypassing. The LT6557 provides uncom-
promised performance in many high speed applications
where a low voltage, single supply is required.
The LT6557 is available in 16-lead SSOP and 5mm × 3mm
DFN packages.
■
LCD Video Projectors
■
RGB HD Video Amplifiers
■
Coaxial Cable Drivers
■
Low Supply ADC Drivers
■
–3dB Small-Signal Bandwidth: 500MHz
■
–3dB 2VP-P Large-Signal Bandwidth: 400MHz
■
Slew Rate: 2200V/µs
■
Fixed Gain of 2, No External Resistors Required
■
AC Coupling with Programmable DC Input Bias
■
Output Swings to 0.8V of Supply Rails
■
Full Video Swing with 5V Single Supply
■
Diff Gain: 0.02%
■
Diff Phase: 0.05°
■
Enable/Shutdown Pin
■
High Output Current: ±100mA
■
Supply Range: 3V to 7.5V
■
Operating Temperature Range: –40°C to 85°C
■
Available in 16-Lead SSOP and 5mm × 3mm DFN
Packages
AC-Coupled Triple Video Driver
+
–
500
Ω
IN R
GND
EN
IN R
OUT R
V+
V+ R
V+ G
V+ B
BCV
LT6557
GND R
75
Ω
75
Ω
412
Ω
5V
5V
5V
5V
6557 TA01a
22
µF
500
Ω
75
Ω
220
µF
+
–
500
Ω
IN G
IN G
OUT G
GND G
75
Ω
75
Ω
22
µF
500
Ω
75
Ω
220
µF
+
–
500
Ω
IN B
IN B
OUT B
GND B
75
Ω
75
Ω
22
µF
500
Ω
75
Ω
220
µF
Fast Large-Signal Transient Response
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION


Similar Part No. - LT6557CDHC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6557 LINER-LT6557 Datasheet
606Kb / 12P
500MHz, 2200V/s Gain of 2, Single Supply Triple Video Amplifi er with Input Bias Control
LT6557 LINER-LT6557_15 Datasheet
606Kb / 12P
500MHz, 2200V/s Gain of 2, Single Supply Triple Video Amplifi er with Input Bias Control
More results

Similar Description - LT6557CDHC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6553 LINER-LT6553 Datasheet
168Kb / 8P
650MHz Gain of 2 Triple Video Amplifier
logo
Intersil Corporation
ISL59448 INTERSIL-ISL59448 Datasheet
676Kb / 14P
500MHz Triple 2:1 Gain-of-2, Multiplexing Amplifier
March 29, 2006
logo
Linear Technology
LT6553 LINER-LT6553_09 Datasheet
193Kb / 12P
650MHz Gain of 2 Triple Video Amplifier
LT6558 LINER-LT6558 Datasheet
209Kb / 12P
550MHz, 2200V/關s Gain of 1, Single Supply Triple Video Amplifi er with Input Bias Control
logo
Intersil Corporation
ISL59446 INTERSIL-ISL59446 Datasheet
766Kb / 13P
500MHz Triple 4:1 Gain-of-2, Multiplexing Amplifier
August 26, 2010
logo
Linear Technology
LT6557 LINER-LT6557_15 Datasheet
606Kb / 12P
500MHz, 2200V/s Gain of 2, Single Supply Triple Video Amplifi er with Input Bias Control
LT6553 LINER-LT6553_15 Datasheet
199Kb / 12P
650MHz Gain of 2 Triple Video Amplifier
LT6558 LINER-LT6558_15 Datasheet
215Kb / 12P
Single Supply Triple Video Amplifi er with Input Bias Control
logo
Renesas Technology Corp
ISL59446 RENESAS-ISL59446 Datasheet
909Kb / 14P
500MHz Triple 4:1 Gain-of-2, Multiplexing Amplifier
ISL59448 RENESAS-ISL59448 Datasheet
848Kb / 14P
500MHz Triple 2:1 Gain-of-2, Multiplexing Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com