Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6558IGN Datasheet(PDF) 4 Page - Linear Technology

Part # LT6558IGN
Description  550MHz, 2200V/關s Gain of 1, Single Supply Triple Video Amplifi er with Input Bias Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6558IGN Datasheet(HTML) 4 Page - Linear Technology

  LT6558IGN Datasheet HTML 1Page - Linear Technology LT6558IGN Datasheet HTML 2Page - Linear Technology LT6558IGN Datasheet HTML 3Page - Linear Technology LT6558IGN Datasheet HTML 4Page - Linear Technology LT6558IGN Datasheet HTML 5Page - Linear Technology LT6558IGN Datasheet HTML 6Page - Linear Technology LT6558IGN Datasheet HTML 7Page - Linear Technology LT6558IGN Datasheet HTML 8Page - Linear Technology LT6558IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LT6558
4
6558f
SUPPLY VOLTAGE (V)
0
30
40
6558 G04
20
10
25
35
15
5
0
2
14
36
7
5
VOUT = VS/2
TEMPERATURE (
°C)
–50
25
30
35
125
6558 G05
15
0
–25
0
25
50
75
100
40
20
10
5
VS = 5V
VOUT = VS/2
VEN = 0V
ENABLE PIN VOLTAGE (V)
0
40
30
20
10
0
4
6558 G06
123
5
VS = 5V
VOUT = VS/2
TA = –55°C
TA = 125°C
TA = 25°C
TEMPERATURE (
°C)
–50
0
5
10
50
40
6558 G08
0
–25
75
100
25
125
20
15
25
30
35
VS = 5V
VIN = 2.5V
ENABLE PIN VOLTAGE (V)
0
0
–20
–40
–60
–80
–100
–120
–140
–160
4
6558 G07
123
5
VS = 5V
TA = 125°C
TA = –55°C
TA = 25°C
INPUT VOLTAGE (V)
0
100
300
400
4
6558 G09
–100
–300
0
200
–200
–400
123
5
VS = 5V
TA = 125°C
TA = 25°C
TA = –55°C
GAIN ERROR, INDIVIDUAL CHANNEL (%)
–1.0
60
50
40
30
20
10
0
–0.9
–0.8
–0.7
–0.6
6558 G01
–0.5
VS = 5V
∆VOUT = 2V
RL = 150Ω
GAIN ERROR, BETWEEN CHANNELS (%)
–0.3
30
0.3
6558 G02
20
0
0
0.1
–0.2
0.2
–0.1
10
VS = 5V
∆VOUT = 2V
RL = 150Ω
40
50
60
70
TEMPERATURE (
°C)
–50
1.02
25
6558 G03
0.99
0.97
–25
0
50
0.96
0.95
1.03
1.01
1.00
0.98
75
100
125
VS = 5V
VOUT = 2VP-P
RLOAD = 150Ω
Gain Error Distribution
Gain Error Matching Distribution
Voltage Gain vs Temperature
Supply Current per Amplifier
vs Supply Voltage
Supply Current per Amplifier
vs EN Voltage
EN Pin Current vs EN Pin Voltage
Offset Voltage vs Temperature
Input Bias Current
vs Input Voltage
Supply Current per Amplifier
vs Temperature
TYPICAL PERFORMANCE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com