Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6558IGN Datasheet(PDF) 6 Page - Linear Technology

Part # LT6558IGN
Description  550MHz, 2200V/關s Gain of 1, Single Supply Triple Video Amplifi er with Input Bias Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6558IGN Datasheet(HTML) 6 Page - Linear Technology

Back Button LT6558IGN Datasheet HTML 2Page - Linear Technology LT6558IGN Datasheet HTML 3Page - Linear Technology LT6558IGN Datasheet HTML 4Page - Linear Technology LT6558IGN Datasheet HTML 5Page - Linear Technology LT6558IGN Datasheet HTML 6Page - Linear Technology LT6558IGN Datasheet HTML 7Page - Linear Technology LT6558IGN Datasheet HTML 8Page - Linear Technology LT6558IGN Datasheet HTML 9Page - Linear Technology LT6558IGN Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LT6558
6
6558f
FREQUENCY (MHz)
100
80
60
40
20
0.01
1
10
100
6558 G25
120
0.1
0
110
90
70
50
30
10
VS = 5V
VOUT = 2VP-P
RL = 150Ω
HD2
HD3
Crosstalk Between Amplifiers
vs Frequency
Output Impedance vs Frequency
Input Impedance vs Frequency
Power Supply Rejection Ratio vs
Frequency
Distortion vs Frequency
Distortion vs Frequency
FREQUENCY (MHz)
1
–70
–50
–30
10
100
1000
6558 G21
–90
–80
–60
–40
–100
–110
VS = 5V
VOUT = 2VP-P
RL = 150Ω
R TO G
B TO G
WORST CASE
CHANNEL TO CHANNEL
TYPICAL
CHANNEL TO CHANNEL
FREQUENCY (MHz)
0.01
0.1
0.1
10
1000000
100000
10000
1
10
100
1000
6558 G22
1
100
1000
VS = 5V
DISABLE
ENABLE
FREQUENCY (MHz)
0.01
0.1
100
1000
1000000
1
10
100
1000
6558 G23
10000
100000
VS = 5V
RBCV = 158Ω
RBCV = OPEN
FREQUENCY (MHz)
20
40
60
10
30
50
0.001
0.1
1
10
100
6558 G24
0
0.01
VS = 5V
6558 G26
FREQUENCY (MHz)
100
80
60
40
20
0.01
1
10
100
120
0.1
0
110
90
70
50
30
10
VS = 5V
VOUT = 1VP-P
RL = 150Ω
HD2
HD3
TYPICAL PERFORMANCE CHARACTERISTICS
Frequency Response with
Capacitive Loads
FREQUENCY (MHz)
1
10
100
1000
6558 G19
CL = 0pF
CL = 8.2pF
VS = 5V
VOUT = 200mVP-P
RL = 150Ω
–1
–2
–3
–4
–5
5
3
4
2
1
0
CL = 4.7pF
Large-Signal Group Delay
FREQUENCY (MHz)
1
0
1.50
1.75
2.00
10
100
1000
6558 G20
1.25
1.00
0.50
0.75
0.25
VS = 5V
VOUT = 2VP-P
RL = 150Ω
RBCV = 158Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com