Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1062CSW Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1062CSW
Description  5th Order Lowpass Filter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1062CSW Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1062CSW Datasheet HTML 3Page - Linear Technology LTC1062CSW Datasheet HTML 4Page - Linear Technology LTC1062CSW Datasheet HTML 5Page - Linear Technology LTC1062CSW Datasheet HTML 6Page - Linear Technology LTC1062CSW Datasheet HTML 7Page - Linear Technology LTC1062CSW Datasheet HTML 8Page - Linear Technology LTC1062CSW Datasheet HTML 9Page - Linear Technology LTC1062CSW Datasheet HTML 10Page - Linear Technology LTC1062CSW Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LTC1062
1062fd
Divide By 1, 2, 4 (Pin 4)
By connecting Pin 4 to V+, to mid supplies or to V–, the
clock frequency driving the internal switched capacitor
network is the oscillator frequency divided by 1, 2, 4
respectively. Note that the fCLK/fC ratio of 100:1 is with
respect to the internal clock generator output frequency.
The internal divider is useful for applications where octave
tuning is required. The ÷2 threshold is typically ±1V from
the mid supply voltage.
Transient Response
Figure 3 shows the LTC1062 response to a 1V input step.
Filter Noise
The filter wideband RMS noise is typically 100µVRMS for
±5V supply and it is nearly independent from the value of
the cutoff frequency. For single 5V supply the RMS noise
is 80µVRMS. Sixty-two percent of the wideband noise is in
the passband, that is from DC to fC. The noise spectral
density, unlike conventional active filters, is nearly zero for
frequencies below 0.1 • fC. This is shown in the Typical
Performance Characteristics section. Table 2 shows the
LTC1062 RMS noise for different noise bandwidths.
Table 2
NOISE BW
RMS NOISE (VS = ±5V)
DC – 0.1 • fC
2µV
DC – 0.25 • fC
8µV
DC – 0.5 • fC
20µV
DC – 1 • fC
62µV
DC – 2 • fC
100µV
200mV/VERT DIV
50ms/HORIZ DIV, fC = 10Hz
5ms/HORIZ DIV, fC = 100Hz
0.5ms/HORIZ DIV, fC = 1kHz
1
2πRC
fC
1.62
=
1
2πRC
fC
1.94
=
1
2πRC
fC
2.11
=
Figure 3. Step Response to a 1V Peak Input Step
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com