Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1062CSW Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1062CSW
Description  5th Order Lowpass Filter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1062CSW Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1062CSW Datasheet HTML 8Page - Linear Technology LTC1062CSW Datasheet HTML 9Page - Linear Technology LTC1062CSW Datasheet HTML 10Page - Linear Technology LTC1062CSW Datasheet HTML 11Page - Linear Technology LTC1062CSW Datasheet HTML 12Page - Linear Technology LTC1062CSW Datasheet HTML 13Page - Linear Technology LTC1062CSW Datasheet HTML 14Page - Linear Technology LTC1062CSW Datasheet HTML 15Page - Linear Technology LTC1062CSW Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LTC1062
1062fd
A Lowpass Filter with a 60Hz Notch
FB
AGND
V–
DIVIDER
RATIO
BOUT
OUT
V+
COSC
1
2
3
4
8
7
6
5
LTC1062
1062 TA15
VIN
R
9.09k
C
1µF
V–
CLK IN
2.84kHz
VOUT
V+
R2
20k
R3
20k
R4
10k
R6
19.35k
R5
10k
A1
1/2 LT1013
A2
1/2 LT1013
R7
20k
C7
0.1µF
1
2πRC
=
fCLK
100 • 1.62
Frequency Response of the Above Lowpass Filter
with the Notch fNOTCH = fCLK/47.3
fIN (Hz)
1
30
10
–10
10
100
1k
1062 TA16
50
40
20
0
60
70
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com