Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1064CSW Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1064CSW
Description  Low Noise, Fast, Quad Universal Filter Building Block
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1064CSW Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1064CSW Datasheet HTML 3Page - Linear Technology LTC1064CSW Datasheet HTML 4Page - Linear Technology LTC1064CSW Datasheet HTML 5Page - Linear Technology LTC1064CSW Datasheet HTML 6Page - Linear Technology LTC1064CSW Datasheet HTML 7Page - Linear Technology LTC1064CSW Datasheet HTML 8Page - Linear Technology LTC1064CSW Datasheet HTML 9Page - Linear Technology LTC1064CSW Datasheet HTML 10Page - Linear Technology LTC1064CSW Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTC1064
7
1064fb
ANALOG
GROUND
PLANE
NOTE: CONNECT ANALOG AND DIGITAL
GROUND PLANES AT A SINGLE POINT AT
THE BOARD EDGE
FOR BEST HIGH FREQUENCY RESPONSE
PLACE RESISTORS PARALLEL TO DOUBLE-
SIDED COPPER CLAD BOARD AND LAY FLAT
(4 RESISTORS SHOWN HERE TYPICAL)
LTC1064
0.1
µF
CERAMIC
PIN 1 IDENT
1064 F02
5k
–7.5V
7.5V
0.1
µF CERAMIC
(SINGLE POINT
GROUND)
CLOCK
VIN
1
2
3
4
5
6
7
8
9
10
11
12
DIGITAL
GROUND
PLANE
24
23
22
21
20
19
18
17
16
15
14
13
APPLICATIONS INFORMATION
Figure 2. Example Ground Plane Breadboard Technique for LTC1064
ANALOG CONSIDERATIONS
Grounding and Bypassing
The LTC1064 should be used with separated analog and
digital ground planes and single point grounding
techniques.
Pin 6 (AGND) should be tied directly to the analog ground
plane.
Pin 7 (V +) should be bypassed to the ground plane with a
0.1
µF ceramic capacitor with leads as short as possible.
Pin 19 (V –) should be bypassed with a 0.1
µF ceramic
capacitor. For single supply applications, V – can be tied to
the analog ground plane.
For good noise performance, V + and V – must be free of
noise and ripple.
All analog inputs should be referenced directly to the
single point ground. The clock inputs should be shielded
from and/or routed away from the analog circuitry and a
separate digital ground plane used.
Figure 2 shows an example of an ideal ground plane
design for a 2-sided board. Of course this much ground
plane will not always be possible, but users should strive
to get as close to this as possible. Protoboards are not
recommended.
Buffering the Filter Output
When driving coaxial cables and 1
× scope probes, the
filter output should be buffered. This is important espe-
cially when high Qs are used to design a specific filter.
Inadequate buffering may cause errors in noise, distor-
tion, Q and gain measurements. When 10
× probes are
used, buffering is usually not required. An inverting buffer
is recommended especially when THD tests are per-
formed. As shown in Figure 3, the buffer should be
adequately bypassed to minimize clock feedthrough.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com