Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1064CSW Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1064CSW
Description  Low Noise, Fast, Quad Universal Filter Building Block
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1064CSW Datasheet(HTML) 5 Page - Linear Technology

  LTC1064CSW Datasheet HTML 1Page - Linear Technology LTC1064CSW Datasheet HTML 2Page - Linear Technology LTC1064CSW Datasheet HTML 3Page - Linear Technology LTC1064CSW Datasheet HTML 4Page - Linear Technology LTC1064CSW Datasheet HTML 5Page - Linear Technology LTC1064CSW Datasheet HTML 6Page - Linear Technology LTC1064CSW Datasheet HTML 7Page - Linear Technology LTC1064CSW Datasheet HTML 8Page - Linear Technology LTC1064CSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTC1064
5
1064fb
POWER SUPPLY VOLTAGE (V+ – V–)
2
0
48
44
40
36
32
28
24
20
16
12
8
4
0
46
10
8
1214 1618
1064 G10
20 22 24
–55
°C
25
°C
125
°C
Q
2
0
240
220
200
180
160
140
120
100
80
60
40
20
0
46
10
8
1214 1618
1064 G09
20 22 24
ANY OUTPUT
R3 = R1
ONE SECOND ORDER
SECTION
MODE 1 OR 3
100:1 OR 50:1
±7.5V
±5V
±2.5V
CENTER FREQUENCY (kHz)
10
0
20
15
10
5
0
–5
1.5
1.0
0.5
0
20 30
50
40
60 70 80 90
1064 G08
100110 120
VS = ±7.5V
VS = ±7.5V
VS = ±2.5V
TA = 25°C
CC = 5pF
R2 = R4
Q = 10
VS = ±2.5V
VS = ±5V
VS = ±5V
CENTER FREQUENCY (kHz)
10
0
20
15
10
5
0
–5
1.5
1.0
0.5
0
20 30
50
40
60 70 80 90
1064 G07
100 110 120
TA = 25°C
CC = 15pF
R2 = R4
VS = ±7.5V
Q = 2
Q = 1
VS = ±5V
VS = ±2.5V
VS = ±7.5V
CENTER FREQUENCY (kHz)
10
0
20
15
10
5
0
–5
1.5
1.0
0.5
0
20 30
50
40
60 70 80 90
1064 G06
100110 120
VS = ±7.5V
VS = ±7.5V
VS = ±5V
VS = ±2.5V
TA = 25°C
CC = 5pF
R2 = R4
Q = 5
Q = 10
VS = ±2.5V
VS = ±5V
CENTER FREQUENCY (kHz)
10
0
20
15
10
5
0
–5
1.5
1.0
0.5
0
20 30
50
40
60 70 80 90
1064 G05
100110 120
VS = ±7.5V
VS = ±7.5V
VS = ±5V
VS = ±2.5V
TA = 25°C
PIN 17 AT V–
(R2/R4) = 3
Q = 5
Q = 10
VS = ±2.5V
VS = ±5V
CENTER FREQUENCY (kHz)
20
0
20
15
10
5
0
–5
1.5
1.0
0.5
0
40 60
100
80
120140 160180
1064 G04
200
TA = 25°C
VS = ±7.5V
PIN 17 AT V+
(R2/R4) = 3
Q = 5
CC = 22pF
Q = 5
Q = 2
Q = 2
CC = 39pF
TYPICAL PERFORMANCE CHARACTERISTICS
Mode 2, (fCLK/fO) = 25:1
Mode 2, (fCLK/fO) = 50:1
Mode 3, (fCLK/fO) = 50:1
Mode 3, (fCLK/fO) = 50:1
Mode 3, (fCLK/fO) = 100:1
Wideband Noise vs Q
Power Supply Current vs
Supply Voltage
Harmonic Distortion, 8th Order
LP Butterworth, fC = 20kHz,
THD = 0.015% for 3VRMS Input
1064 G11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com