Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU323A Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BU323A
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BU323A Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BU323A Datasheet HTML 1Page - Inchange Semiconductor Company Limited BU323A Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
BU323A
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= 0.2A; IB= 0; L= 10mH
400
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= 3A; IB= 60mA
B
1.5
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= 6 A; IB= 120mA
1.7
V
VCE(sat)-3
Collector-Emitter Saturation Voltage
IC= 10 A; IB= 300mA
B
2.7
V
VBE(sat)-1
Base-Emitter Saturation Voltage
IC= 6 A; IB= 120mA
2.2
V
VBE(sat)-2
Base-Emitter Saturation Voltage
IC= 10 A; IB= 300mA
B
3.0
V
VBE(on)
Base-Emitter On Voltage
IC= 10A ; VCE= 6V
2.5
V
ICER
Collector Cutoff Current
VCER= RatedVCER;RBE= 100Ω
1.0
mA
ICBO
Collector Cutoff Current
VCB= RatedVCBO; IE= 0
1.0
mA
IEBO
Emitter Cutoff Current
VEB= 6V; IC= 0
40
mA
hFE-1
DC Current Gain
IC= 3A ; VCE= 6V
300
hFE-2
DC Current Gain
IC= 6A ; VCE= 6V
150
2000
hFE-3
DC Current Gain
IC= 10A ; VCE= 6V
50
VECF
C-E Diode Forward Voltage
IF= 10A
3.5
V
COB
Output Capacitance
IE= 0; VCB= 10V; f= 100kHz
165
pF
Switching Times
ts
Storage Time
15
μs
tf
Fall Time
VCC= 12V; IC= 6A,
IB1= -IB2= 0.3A
15
μs
isc Website:www.iscsemi.cn



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com