Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU323A Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BU323A
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BU323A Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BU323A Datasheet HTML 1Page - Inchange Semiconductor Company Limited BU323A Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
BU323A
DESCRIPTION
·Collector-Emitter Sustaining Voltage-
: VCEO(SUS)= 400V(Min.)
·DARLINGTON
·High Reliability
APPLICATIONS
·Automotive ignition
·Switching regulator
·Motor control applications
ABSOLUTE MAXIMUM RATINGS (Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
600
V
VCEO
Collector-Emitter Voltage
400
V
VEBO
Emitter-Base Voltage
8
V
IC
Collector Current- Continuous
10
A
ICM
Collector Current-Peak
16
A
IB
B
Base Current
3
A
PC
Collector Power Dissipation
@TC=25℃
175
W
Tj
Junction Temperature
200
℃
Tstg
Storage Temperature Range
-65~200
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
1.0
℃/W
isc Website:www.iscsemi.cn


Similar Part No. - BU323A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BU323A MOTOROLA-BU323A Datasheet
239Kb / 6P
16 AMPERE PEAK POWER TRANSISTOR DARLINGTON NPN SILICON 400 VOLTS 175 WATTS
logo
GE Solid State
BU323A GESS-BU323A Datasheet
222Kb / 4P
10-Ampere N-P-N Monolithic Darlington Power Transistors
logo
Savantic, Inc.
BU323A SAVANTIC-BU323A Datasheet
118Kb / 3P
Silicon NPN Power Transistors
logo
Seme LAB
BU323A SEME-LAB-BU323A Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO3
logo
Savantic, Inc.
BU323A SAVANTIC-BU323A Datasheet
120Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - BU323A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com