Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BDT30F Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BDT30F
Description  isc Silicon PNP Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BDT30F Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BDT30F Datasheet HTML 1Page - Inchange Semiconductor Company Limited BDT30F Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Power Transistors
BDT30F/AF/BF/CF/DF
DESCRIPTION
·DC Current Gain -hFE = 40(Min)@ IC= -0.4A
·Collector-Emitter Sustaining Voltage-
: VCEO(SUS) = -40V(Min)- BDT30F; -60V(Min)- BDT30AF
-80V(Min)- BDT30BF; -100V(Min)- BDT30CF
-120V(Min)- BDT30DF
·Complement to Type BDT29F/AF/BF/CF/DF
APPLICATIONS
·Designed for use in audio output stages , general purpose
amplifier and high speed switching applications
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
BDT30F
-80
BDT30AF
-100
BDT30BF
-120
BDT30CF
-140
VCBO
Collector-Base
Voltage
BDT30DF
-160
V
BDT30F
-40
BDT30AF
-60
BDT30BF
-80
BDT30CF
-100
VCEO
Collector-Emitter
Voltage
BDT30DF
-120
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current-Continuous
-1
A
ICM
Collector Current-Peak
-3
A
IB
B
Base Current
-0.4
A
PC
Collector Power Dissipation
TC=25℃
19
W
Tj
Junction Temperature
150
℃
Tstg
Storage Ttemperature Range
-65~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
9.17
℃/W
Rth j-a
Thermal Resistance,Junction to Ambient
55
℃/W
isc Website:www.iscsemi.cn


Similar Part No. - BDT30F

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
BDT30F NJSEMI-BDT30F Datasheet
135Kb / 2P
Silicon PNP Power Transistors
More results

Similar Description - BDT30F

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BDT82F ISC-BDT82F Datasheet
111Kb / 2P
isc Silicon PNP Power Transistors
2N5737 ISC-2N5737 Datasheet
40Kb / 2P
isc Silicon PNP Power Transistors
2SB551 ISC-2SB551 Datasheet
302Kb / 2P
isc Silicon PNP Power Transistors
2SB656 ISC-2SB656 Datasheet
226Kb / 2P
isc Silicon PNP Power Transistors
2SB696 ISC-2SB696 Datasheet
222Kb / 2P
isc Silicon PNP Power Transistors
MJF45H11 ISC-MJF45H11 Datasheet
76Kb / 2P
isc Silicon PNP Power Transistors
TIP32E ISC-TIP32E Datasheet
248Kb / 2P
isc Silicon PNP Power Transistors
TIP30D ISC-TIP30D Datasheet
149Kb / 2P
isc Silicon PNP Power Transistors
TIP42C-220 ISC-TIP42C-220 Datasheet
145Kb / 2P
isc Silicon PNP Power Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com