Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC-ACT-RSENC-NET Datasheet(PDF) 1 Page - Actel Corporation

Part # MC-ACT-RSENC-NET
Description  Reed-Solomon Encoder
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

MC-ACT-RSENC-NET Datasheet(HTML) 1 Page - Actel Corporation

  MC-ACT-RSENC-NET Datasheet HTML 1Page - Actel Corporation MC-ACT-RSENC-NET Datasheet HTML 2Page - Actel Corporation MC-ACT-RSENC-NET Datasheet HTML 3Page - Actel Corporation MC-ACT-RSENC-NET Datasheet HTML 4Page - Actel Corporation MC-ACT-RSENC-NET Datasheet HTML 5Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MC-ACT-RSENC
April 24, 2003
Reed-Solomon Encoder
Datasheet v1.1
April 24, 2003
1
Optimized for
MemecCoreTM Product Line
3721 Valley Centre Drive
San Diego, CA 92130 USA
Americas:
+1 800-752-3040
Europe:
+41 (0) 32 374 32 00
Asia:
+(852) 2410 2720
E-mail: actel.info@memecdesign.com
URL:
www.memecdesign.com/actel
Product Summary
Intended Use
•
Data communication channels
•
DTV/HDTV broadcast
•
Data storage systems
•
Satellite communications
Key Features
•
Core design is customized using the following specs
o
Primitive polynomial
o
Generator polynomial
o
Number of parity symbols
o
Symbol size
o
Symbol clock rate
o
System clock rates
•
Message Block length configured by end user
•
Continuous or burst mode operation
•
Supports high speed applications (>900Mbps)
•
Simple core interface for ease of integration
•
Encoder available with or without Variable Parity Check Bytes
Targeted Devices
•
Axcelerator Family
•
ProASIC
PLUS Family
General Description
Reed-Solomon coding is a method of forward error correction in the form of block coding. Block coding consists of
calculating a number of parity symbols over a number of message symbols. The parity symbols are appended to
the end of the message symbols forming a codeword. Reed-Solomon coding is described in the form RS(n,k),
where k is the number of message symbols in each block and n is the total number of symbols in the codeword.
The value t defines the number of symbols that can be corrected by the Reed-Solomon code, where t=(n-k)/2 and
the number of parity symbols is equal to 2t.


Similar Part No. - MC-ACT-RSENC-NET

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
MC-ACT-16550-NET ACTEL-MC-ACT-16550-NET Datasheet
280Kb / 9P
Two Wire Serial Interface (TWSI)
MC-ACT-16550-VLOG ACTEL-MC-ACT-16550-VLOG Datasheet
280Kb / 9P
Two Wire Serial Interface (TWSI)
MC-ACT-6809 ACTEL-MC-ACT-6809 Datasheet
136Kb / 7P
SoftwareCompatible6809CPU
MC-ACT-6809-NET ACTEL-MC-ACT-6809-NET Datasheet
136Kb / 7P
SoftwareCompatible6809CPU
MC-ACT-6809-VHD ACTEL-MC-ACT-6809-VHD Datasheet
136Kb / 7P
SoftwareCompatible6809CPU
More results

Similar Description - MC-ACT-RSENC-NET

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7207H PHILIPS-SAA7207H Datasheet
98Kb / 20P
Reed Solomon decoder IC
1996 Jul 17
logo
Dynex Semiconductor
MA1916 DYNEX-MA1916 Datasheet
94Kb / 11P
Radiation Hard Reed-Solomon & Convolution Encoder
logo
List of Unclassifed Man...
AHA4011C ETC-AHA4011C Datasheet
466Kb / 28P
10 MBytes/sec Reed-Solomon Error Correction Device
AHA4013B ETC-AHA4013B Datasheet
232Kb / 28P
12.5 MBytes/sec Reed-Solomon Error Correction Device
AHA4012B-006 ETC-AHA4012B-006 Datasheet
457Kb / 28P
1.5 MBytes/sec Reed-Solomon Error Correction Device
AHA4210 ETC1-AHA4210 Datasheet
470Kb / 36P
Viterbi with Reed-Solomon Decoder
COIC5130A ETC1-COIC5130A Datasheet
291Kb / 20P
Programmable Reed-Solomon Error Correction Encoder and Decoder
logo
Freescale Semiconductor...
AN2407 FREESCALE-AN2407 Datasheet
556Kb / 48P
Reed Solomon Encoder/Decoder on the StarCore SC140/SC1400 Cores, With Extended Examples
logo
List of Unclassifed Man...
AHAG709D-10FEC ETC1-AHAG709D-10FEC Datasheet
59Kb / 2P
10 GB/S ITU G.709 REED-SOLOMON DECODER
AHAG709D-40FEC ETC1-AHAG709D-40FEC Datasheet
58Kb / 2P
40 GB/S ITU G.709 REED-SOLOMON DECODER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com