Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC-ACT-RSENC-NET Datasheet(PDF) 4 Page - Actel Corporation

Part # MC-ACT-RSENC-NET
Description  Reed-Solomon Encoder
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

MC-ACT-RSENC-NET Datasheet(HTML) 4 Page - Actel Corporation

  MC-ACT-RSENC-NET Datasheet HTML 1Page - Actel Corporation MC-ACT-RSENC-NET Datasheet HTML 2Page - Actel Corporation MC-ACT-RSENC-NET Datasheet HTML 3Page - Actel Corporation MC-ACT-RSENC-NET Datasheet HTML 4Page - Actel Corporation MC-ACT-RSENC-NET Datasheet HTML 5Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Reed-Solomon Encoder
Memec Design
April 24, 2003
4
Optimized for
Reed-Solomon Encoder Variations
Various forms of the core have been developed. One supports high data rates where area is a secondary concern.
Another supports low data rates where a high-speed system clock is available and area is a primary concern. The
cores work for any valid codeword length and can be customized to support either fixed or variable values of parity
symbols. The core has been developed in two different approaches. One approach is optimized for encoders with a
single value of t. The other approach is optimized for encoders with selectable values of t.
The RSENC-INTELSAT is a precustomized core that calculates a selectable 14, 16, 18, or 20 parity symbols (t = 7,
8, 9, or 10) and is compliant with the IESS-308 Intelsat standard. The primitive polynomial and generator polynomial
implemented is P(x)= x
8+x7+x2+x+1 and G(x)= (x-α120)(x-α121)…(x-α119+2t) over a Galois field of GF(256). A 2-bit
input control signal selects between four different codeword/message lengths: RS(126,112), RS(194,178),
RS(219,201), and RS(225,205). The RSENC-INTELSAT core is delivered as Verilog RTL source code. Detailed
timing and pin descriptions of the RSENC-INTELSAT can be found in the User’s Guide available from MemecCore.
The RSENC-DVB is a precustomized core that calculates 16 parity symbols and is compliant with the DVB
standard. The primitive polynomial and generator polynomial implemented is P(x)=x
8+x4+x3+x2+1 and G(x)=(x-α0)(x-
α
1)…(x -α15) over a Galois field of GF(256). The core is adaptable to any message/codeword length RS(n,k) where
n-k=16. Thus, the largest code supported by this core is R(255,239). The DVB standards specify a code of
RS(204,188).
Parameter
Symbol
DVB
Intelsat
Primitive Polynomial
P(x)
x
8 + x4 + x3 + x2 + 1
x
8 + x7 + x2 + 1
Generator Polynomial
G(x)
(x-
α
0)(x-α1)(x-α2)(x-α3)…(x-α15)
(x-
α
120)(x-α121)…(x-α119+2t)
Bits per symbol
m
8
8
Codeword Length
n
204 (Note 1)
126, 194, 219, 225
Message Word Length
k
188
112, 178, 201, 205 (Note 2)
Parity Symbols (n-k)
2t
16
14, 16, 18, 20
Table 1: Reed-Solomon Encoder Parameters
Notes:
1. Core is adaptable to any RS(n,k) where n-k=16 and largest code being RS(255,239).
2. Selected by 2-bit input control signal for RS(126,112), RS(194,178), RS(219,201), and RS(225,205).
Device Requirements
Family
Device
Utilization
Performance
COMB
SEQ
Total
Axcelerator
AX500-3
6%
10%
7%
119 MHz
ProASIC
PLUS
APA075
n/a
n/a
34%
51 MHz
Table 2: Device Utilization and Performance*
*Note: The data provided is for an encoder with RS(255,225), G(x)=120, P(x)=125, m=8.
Verification and Compliance
Functional and timing simulation has been performed on the RSENC using Verilog Test Benches. Simulation
vectors used for verification are provided with the core. This core has also been used successfully in customer
designs.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com