Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC-ACT-HDLC-NET Datasheet(PDF) 3 Page - Actel Corporation

Part # MC-ACT-HDLC-NET
Description  UTOPIA Level 3 PHY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

MC-ACT-HDLC-NET Datasheet(HTML) 3 Page - Actel Corporation

  MC-ACT-HDLC-NET Datasheet HTML 1Page - Actel Corporation MC-ACT-HDLC-NET Datasheet HTML 2Page - Actel Corporation MC-ACT-HDLC-NET Datasheet HTML 3Page - Actel Corporation MC-ACT-HDLC-NET Datasheet HTML 4Page - Actel Corporation MC-ACT-HDLC-NET Datasheet HTML 5Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Device Requirements
Family
Device
Utilization
Performance
COMB
SEQ
Tiles
Axcelerator
AX250
38%
73%
n/a
131 MHz
ProASIC3
A3PE600
n/a
n/a
20%
81 MHz
ProASICPLUS
APA150
n/a
n/a
52%
80 MHz
Table 1: Device Utilization and Performance
Verification and Compliance
The testbench is self-checking, which means that if there is an error detected in the start word, end word, or payload the testbench will assert one or both of two error
signals. The test checks for errors at two stages in the testbench: when the cells are looped back through the Slave device (SIG_LOOP_ERROR_OUT) and upon
reading out of the Master device (SIG_ERROR_OUT).
Signal Descriptions
The following signal descriptions define the IO signals.
Signal
Width
Direction
Description
RD_DATA
8/16
Output
Read data bus for the FIFO
RD_ENB
1
Input
Read enable signal for the FIFO
RD_CLK
1
Input
Read clock for the FIFO
RD_FLAG
1
Output
FIFO packet available signal
RESET_N
1
Input
Reset signal from user logic
WR_DATA
8/16
Input
Write data bus for FIFO
WR_FLAG
1
Output
Write flag indicating if FIFO can accept another cell
WR_ENB
1
Input
Write enable signal for FIFO
WR_CLK
1
Input
System clock for all registers in this block
TXCLK
1
Input
100 MHz utopia clock
TXDATA
8/16/32
Input
Utopia data bus, 8, 16 or 32-bit selectable
TXENB_N
1
Input
Utopia enable signal used for throttle control
TXCLAV
1 < N < 4
Output
Utopia cell buffer available signal(s) used to indicate that the slave has room for a cell
TXSOC
1
Input
Utopia start of cell signal used to flag the first byte/word in the cell
TXPRTY
1
Input
Utopia parity signal used for odd parity on TXDATA
TXADDR
8
Input
Utopia address bus used for polling
RXCLK
1
Input
100 MHz utopia clock
RXDATA
8/16/32
Output
Utopia data bus, 8, 16 or 32-bit selectable
RXENB_N
1
Input
Utopia enable signal used for throttle control
RXCLAV
1 < N < 4
Output
Utopia cell buffer available signal(s) used to indicate that the slave has room for a cell
RXPRTY
1
Output
Utopia parity signal used for odd parity on TXDATA
RXSOC
1
Output
Utopia start of cell signal used to flag the first byte/word in the cell
RXADDR
8
Input
Utopia address bus used for polling
Table 2: Core I/O Signals



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com