Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC-ACT-HDLC-NET Datasheet(PDF) 1 Page - Actel Corporation

Part # MC-ACT-HDLC-NET
Description  UTOPIA Level 3 PHY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

MC-ACT-HDLC-NET Datasheet(HTML) 1 Page - Actel Corporation

  MC-ACT-HDLC-NET Datasheet HTML 1Page - Actel Corporation MC-ACT-HDLC-NET Datasheet HTML 2Page - Actel Corporation MC-ACT-HDLC-NET Datasheet HTML 3Page - Actel Corporation MC-ACT-HDLC-NET Datasheet HTML 4Page - Actel Corporation MC-ACT-HDLC-NET Datasheet HTML 5Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
top_slave
top_ing_slave
top_egr_slave
tx_utopia3_slave
reset_n
rd_flag
rd_data
rd_enb
fifo_16 / fifo_8
fifo_16 / fifo_8
rx_utopia3_slave
rd_data
rd_enb
rd_clk
rd_flag
wr_data
wr_enb
a_full
TxClk
TxData
TxEnb_n
TxClav
TxSoc
TxPrty
TxAddr
RxClk
RxData
RxEnb_n
RxClav
RxPrty
RxSoc
RxAddr
wr_clk
wr_enb
wr_flag
wr_data
UTOPIA Level 3 PHY
Intended Use:
— ATM Cell Processors
— PHY Processors
— ATM Bridges & Gaskets
— DSL ASSP interfaces
— UNI/MAC
— Microprocessor interfaces
Features:
— Function compatible with ATM Forum af-phy-0136.000
— Asynchronous/synchronous FIFO using RAM
— Up to 256 PHY ports supported
— 8/16/32 bit interfaces supported
— Direct and polled status
— Simple system side FIFO interface
— Flow control and polling integrated
Targeted Devices:
— Axcelerator® Family
— ProASIC®3 Family
— ProASICPLUS® Family
Core Deliverables:
— Netlist Version
> Compiled RTL simulation model, compliant with the Actel
Libero® environment
> Netlist compatible with the Actel Designer place and route tool
— RTL Version
> VHDL Source Code
— All
> User Guide
> Test Bench
Synthesis and Simulation Support:
— Synthesis: Synplicity®
— Simulation: ModelSim®
— Other tools supported upon request
Verification:
— Test Bench
— Test Vectors
AvnetCore: Datasheet
UTOPIA (Universal Test and Operations PHY Interface for ATM) Level 3 defines the
interface between the ATM or LINK layer and a Physical Layer (PHY) device. The
UTOPIA Level 3 standard defines a full duplex interface with a Master/Slave format.
The Slave or LINK layer device responds to the requests from the PHY or Master
device. The Master performs PHY arbitration and initiates data transfers to and from
the Slave. The ATM forum has defined the UTOPIA Level 3 as either 8 or 32 bits in
width, at up to 104 MHz, supporting an OC48 channel at 2.5 Gbps.
Version 1.0, July 2006
Block Diagram


Similar Part No. - MC-ACT-HDLC-NET

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
MC-ACT-16550-NET ACTEL-MC-ACT-16550-NET Datasheet
280Kb / 9P
Two Wire Serial Interface (TWSI)
MC-ACT-16550-VLOG ACTEL-MC-ACT-16550-VLOG Datasheet
280Kb / 9P
Two Wire Serial Interface (TWSI)
MC-ACT-6809 ACTEL-MC-ACT-6809 Datasheet
136Kb / 7P
SoftwareCompatible6809CPU
MC-ACT-6809-NET ACTEL-MC-ACT-6809-NET Datasheet
136Kb / 7P
SoftwareCompatible6809CPU
MC-ACT-6809-VHD ACTEL-MC-ACT-6809-VHD Datasheet
136Kb / 7P
SoftwareCompatible6809CPU
More results

Similar Description - MC-ACT-HDLC-NET

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT77V107 IDT-IDT77V107 Datasheet
325Kb / 24P
Single ATM PHY for 25.6 and 51.2 Mbps with Utopia Level 2
logo
List of Unclassifed Man...
IDT77V011 ETC1-IDT77V011 Datasheet
742Kb / 43P
Data Path Interface to Utopia Level 2 Translation Device
IDT77V012 ETC1-IDT77V012 Datasheet
677Kb / 46P
Data Path Interface to UTOPIA Level 1 Header Translation Device
IDT77010 ETC1-IDT77010 Datasheet
141Kb / 21P
Data Path Interface to Utopia Level 1 Translation Device
logo
Actel Corporation
COREU1PHY-XX ACTEL-COREU1PHY-XX Datasheet
100Kb / 8P
CoreU1PHY - UTOPIA Level 1 PHY Interface
COREU1LL-XX ACTEL-COREU1LL-XX Datasheet
103Kb / 8P
CoreU1LL UTOPIA Level 1 Link-Layer Interface
logo
M/A-COM Technology Solu...
28236-BRF-001-A MA-COM-28236-BRF-001-A Datasheet
515Kb / 4P
OC-3 ATM SAR Controller with UTOPIA Level 2
28236-BRF-001-A MA-COM-28236-BRF-001-A_15 Datasheet
515Kb / 4P
OC-3 ATM SAR Controller with UTOPIA Level 2
logo
Renesas Technology Corp
IDT77010 RENESAS-IDT77010 Datasheet
301Kb / 22P
Data Path Interface (DPI) to Utopia Level 1 Translation Device
June 24, 2002
IDT77V012 RENESAS-IDT77V012 Datasheet
887Kb / 47P
Data Path Interface (DPI) to UTOPIA Level 1 Header Translation Device
March 26, 2001
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com