Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP300 Datasheet(PDF) 2 Page - Actel Corporation

Part # EP300
Description  EP300 PowerPC Bus Arbiter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

EP300 Datasheet(HTML) 2 Page - Actel Corporation

  EP300 Datasheet HTML 1Page - Actel Corporation EP300 Datasheet HTML 2Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2003 by Eureka Technology Inc.
4962 El Camino Real,
Los Altos, CA 94022, USA
Tel: 1 650 960 3800
Fax: 1 650 960 3805
http://www.eurekatech.com
Page 2
Eureka Technology
The EP300 PowerPC bus arbiter comes with the options of rotating priority or
fixed priority schemes to meet the requirements for different system environ-
ments.
Family
Device
Utilization
Performance
(-speed grade)
SEQ
COMB
Total
RAM
ProASICPlus
APA075-STD
46
188
8%
82Mhz
Axcelerator
AX500-3
30
112
2%
133Mhz
RTSX-S
RT54SX32S-2
46
113
6%
87Mhz
EP300 PowerPC Bus Arbiter
Actel Device
Utilization
Data



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com