Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP300 Datasheet(PDF) 1 Page - Actel Corporation

Part # EP300
Description  EP300 PowerPC Bus Arbiter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

EP300 Datasheet(HTML) 1 Page - Actel Corporation

  EP300 Datasheet HTML 1Page - Actel Corporation EP300 Datasheet HTML 2Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2003 by Eureka Technology Inc.
4962 El Camino Real,
Los Altos, CA 94022, USA
Tel: 1 650 960 3800
Fax: 1 650 960 3805
http://www.eurekatech.com
Page 1
Eureka Technology
• Fully supports PowerPC™ 60x bus protocol, include PowerPC 603, 604, 740,
750 and 8260.
• Supports up to eight PowerPC bus masters with unlimited slave device support.
• Supports two outstanding bus accesses.
• Supports address only transfer and address bus retry.
• Independent address bus and data bus tenure with separate bus grant and data
bus grant.
•Option for fixed priority assignment or rotating priority scheme.
• Designed for ASIC or programmable logic device implementations in various
system environments.
• Fully static design with edge triggered flip-flops.
• Optimized for Actel SX-A, RTSX-S, AX, and APA product families.
The EP300 PowerPC bus arbiter provides all the necessary functions to arbitrate
multiple bus masters directly connected to the PowerPC host bus. The arbiter sup-
ports separate address and data bus tenure to realize the high performance allowed
by the PowerPC bus architecture. Separate address bus grant and data bus grant
signals are provided for each master device on the bus. The arbiter uses sophisti-
cated built-in state machines to coordinate the address bus tenure and the data bus
tenure. At any given cycle, up to two simultaneous bus accesses are allowed.
FEATURES
DESCRIPTIONS
EP300 PowerPC Bus Arbiter
Product Summary
Previous
master
data bus
grant
Address bus
Priority
Data bus grant
One to each device
Bus request
One from each device
TS# ABB# DBB# TT
PowerPC Bus
Bus grant
One to each device


Similar Part No. - EP300

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EP300 ETC-EP300 Datasheet
135Kb / 2P
EP300 PowerPC Bus Arbiter
logo
Eorex Corporation
EP3001 EOREX-EP3001 Datasheet
253Kb / 10P
1.5MHz, 600mA Synchronous Step-down Converter
EP3001 EOREX-EP3001 Datasheet
93Kb / 4P
Evaluation Board Manual
logo
PCA ELECTRONICS INC.
EP3001 PCA-EP3001 Datasheet
13Kb / 1P
Subminiature RF Inductors
EP3001 PCA-EP3001 Datasheet
42Kb / 1P
Subminiature RF Inductors
More results

Similar Description - EP300

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F786 PHILIPS-74F786 Datasheet
95Kb / 12P
4-bit asynchronous bus arbiter
1991 Feb 14
logo
Siemens Semiconductor G...
SAB82289 SIEMENS-SAB82289 Datasheet
949Kb / 34P
Bus Arbiter for SAB80286 Processors
logo
Intersil Corporation
82C89 INTERSIL-82C89 Datasheet
123Kb / 15P
CMOS Bus Arbiter
March 1997
logo
List of Unclassifed Man...
EP300 ETC-EP300 Datasheet
135Kb / 2P
EP300 PowerPC Bus Arbiter
logo
Freescale Semiconductor...
MPC7447A FREESCALE-MPC7447A Datasheet
254Kb / 8P
PowerPC microprocessor
logo
Intersil Corporation
82C89 INTERSIL-82C89_06 Datasheet
317Kb / 13P
CMOS Bus Arbiter
February 27, 2006
logo
Analog Microelectronics
AT123S AME-AT123S Datasheet
41Kb / 5P
PCI Arbiter
logo
Actel Corporation
EP201 ACTEL-EP201 Datasheet
75Kb / 2P
EP201 PowerPC Bus Master
EP100 ACTEL-EP100 Datasheet
76Kb / 2P
EP100 PowerPC Bus Slave
logo
Renesas Technology Corp
82C89 RENESAS-82C89 Datasheet
660Kb / 14P
CMOS Bus Arbiter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com