Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJ10002 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # MJ10002
Description  isc Silicon NPN Darlington Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJ10002 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  MJ10002 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJ10002 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Darlington Power Transistor
MJ10002
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= 0.25A; IB= 0
350
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= 5A; IB= 0.25A
B
IC= 5A; IB= 0.25A, T
B
C= 100℃
1.9
2.0
V
V CE(sat)-2
Collector-Emitter Saturation Voltage
IC= 10A; IB= 1A
2.9
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 5A; IB= 0.25A
B
IC= 5A; IB= 0.25A, T
B
C= 100℃
2.5
2.5
V
ICEV
Collector Cutoff Current
VCE=450V;VBE(off)=1.5V
VCE=450V;VBE(off)=1.5V;TC=150℃
0.25
5.0
mA
ICER
Collector Cutoff Current
VCE= 450V; RBE= 50Ω; TC= 100℃
5.0
mA
IEBO
Emitter Cutoff Current
VEB= 8V; IC= 0
175
mA
hFE-1
DC Current Gain
IC= 2.5A, VCE= 5V
40
hFE-2
DC Current Gain
IC= 5A, VCE= 5V
30
VECF
C-E Diode Forward Voltage
IF= 5A
5.0
V
COB
Output Capacitance
IE= 0, VCB= 50V; ftest= 0.1MHz
60
275
pF
Switching Times; Resistive Load
td
Delay Time
0.05
0.2
μs
tr
Rise Time
0.25
0.6
μs
ts
Storage Time
1.2
3.0
μs
tf
Fall Time
VCC= 250V; IC= 5A; IB1= 0.25A
VBE(off)= 5V
tp= 50μs, Duty Cycle≤2%
0.6
1.5
μs
isc Website:www.iscsemi.cn



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com