Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJ10002 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MJ10002
Description  isc Silicon NPN Darlington Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJ10002 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MJ10002 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJ10002 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Darlington Power Transistor
MJ10002
DESCRIPTION
·Collector-Emitter Sustaining Voltage-
: VCEO(SUS)= 350V (Min.)
·High Switching Speed
APPLICATIONS
Designed for high voltage, high speed , power switching in
Inductive circuits where fall time is critical. They are partic-
ularly suited for line operated switch-mode applications as:
·Switching Regulators
·Inverters
·Solenoid and Relay Drivers
·Motor Controls
·Deflection Circuits
ABSOLUTE MAXIMUM RATINGS (Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCEO(SUS)
Collector-Emitter Voltage
350
V
VCEX(SUS)
Collector-Emitter Voltage
400
V
VCEV
Collector-Emitter Voltage
450
V
VEBO
Emitter-Base Voltage
8
V
IC
Collector Current-Continunous
10
A
ICM
Collector Current-Peak
20
A
IB
B
Base Current-Continunous
2.5
A
IBM
Base Current-Peak
5.0
A
PC
Collector Power Dissipation
@TC=25℃
150
W
Tj
Junction Temperature
200
℃
Tstg
Storage Temperature Range
-65~200
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
1.17
℃/W
isc Website:www.iscsemi.cn


Similar Part No. - MJ10002

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJ10002 MOSPEC-MJ10002 Datasheet
183Kb / 4P
POWER TRANSISTORS(10A,350-400V,150W)
logo
Wing Shing Computer Com...
MJ10002 WINGS-MJ10002 Datasheet
21Kb / 1P
NPN SILICON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
logo
Boca Semiconductor Corp...
MJ10002 BOCA-MJ10002 Datasheet
189Kb / 4P
SWITCHMODE SERIES NPN SILICON POWER DARLINGTON TRANSISTORS
More results

Similar Description - MJ10002

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SD560 ISC-2SD560 Datasheet
141Kb / 3P
isc Silicon NPN Darlington Power Transistor
TIP130 ISC-TIP130 Datasheet
105Kb / 2P
isc Silicon NPN Darlington Power Transistor
MJ11020 ISC-MJ11020 Datasheet
81Kb / 2P
isc Silicon NPN Darlington Power Transistor
MJ11012 ISC-MJ11012 Datasheet
51Kb / 2P
isc Silicon NPN Darlington Power Transistor
MJ11016 ISC-MJ11016 Datasheet
51Kb / 2P
isc Silicon NPN Darlington Power Transistor
MJ11032 ISC-MJ11032 Datasheet
51Kb / 2P
isc Silicon NPN Darlington Power Transistor
2SD1027 ISC-2SD1027 Datasheet
103Kb / 2P
isc Silicon NPN Darlington Power Transistor
2SD1126 ISC-2SD1126 Datasheet
249Kb / 2P
isc Silicon NPN Darlington Power Transistor
2SD1190 ISC-2SD1190 Datasheet
250Kb / 2P
isc Silicon NPN Darlington Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com