Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A32100DX-PLB Datasheet(PDF) 3 Page - Actel Corporation

Part # A32100DX-PLB
Description  Integrator Series FPGAs: 1200XL and 3200DX Families
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A32100DX-PLB Datasheet(HTML) 3 Page - Actel Corporation

  A32100DX-PLB Datasheet HTML 1Page - Actel Corporation A32100DX-PLB Datasheet HTML 2Page - Actel Corporation A32100DX-PLB Datasheet HTML 3Page - Actel Corporation A32100DX-PLB Datasheet HTML 4Page - Actel Corporation A32100DX-PLB Datasheet HTML 5Page - Actel Corporation A32100DX-PLB Datasheet HTML 6Page - Actel Corporation A32100DX-PLB Datasheet HTML 7Page - Actel Corporation A32100DX-PLB Datasheet HTML 8Page - Actel Corporation A32100DX-PLB Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 84 page
background image
Discontinued – v3.0
3
Integrato r Se ries F P G A s: 1200 XL and 320 0DX Fam ilies
Pr oduc t Plan
Speed Grade*
Application
–F
Std
–1
–2
–3
C
I
M
B
A1225XL Device
84-Pin Plastic Leaded Chip Carrier (PLCC)
✔
✔
✔
✔
—
✔
✔
—
—
100-Pin Plastic Quad Flat Pack (PQFP)
✔
✔
✔
✔
—
✔
✔
—
—
100-Pin Very Thin Plastic Quad Flat Pack (VQFP)
✔
✔
✔
✔
—
✔
✔
—
—
100-Pin Ceramic Pin Grid Array (CPGA)
—
✔
✔
✔
—
✔
—
—
—
A1225XLV Device
84-Pin Plastic Leaded Chip Carrier (PLCC)
—
✔
—
—
—
✔
—
—
—
100-Pin Very Thin Plastic Quad Flat Pack (VQFP)
—
✔
—
—
—
✔
—
—
—
A1240XL Device
84-Pin Plastic Leaded Chip Carrier (PLCC)
✔
✔
✔
✔
—
✔
✔
—
—
100-Pin Plastic Quad Flat Pack (PQFP)
✔
✔
✔
✔
—
✔
✔
—
—
132-Pin Ceramic Pin Grid Array (CPGA)
—
✔
✔
✔
—
✔
—
—
—
144-Pin Plastic Quad Flat Pack (PQFP)
✔
✔
✔
✔
—
✔
✔
—
—
176-Pin Thin Plastic Quad Flat Pack (TQFP)
✔
✔
✔
✔
—
✔
✔
—
—
A1240XLV Device
84-Pin Plastic Leaded Chip Carrier (PLCC)
—
✔
—
—
—
✔
—
—
—
176-Pin Thin Plastic Quad Flat Pack (TQFP)
—
✔
—
—
—
✔
—
—
—
A3265DX Device
84-Pin Plastic Leaded Chip Carrier (PLCC)
✔
✔
✔
✔
—
✔
✔
—
—
100-Pin Plastic Quad Flat Pack (PQFP)
✔
✔
✔
✔
—
✔
✔
—
—
160-Pin Plastic Quad Flat Pack (PQFP)
✔
✔
✔
✔
—
✔
✔
—
—
176-Pin Thin Plastic Quad Flat Pack (TQFP)
✔
✔
✔
✔
—
✔
✔
—
—
A3265DXV Device
84-Pin Plastic Leaded Chip Carrier (PLCC)
—
✔
—
—
—
✔
—
—
—
176-Pin Thin Plastic Quad Flat Pack (TQFP)
—
✔
—
—
—
✔
—
—
—
A1280XL Device
84-Pin Plastic Leaded Chip Carrier (PLCC)
✔
✔
✔
✔
—
✔
✔
—
—
160-Pin Plastic Quad Flat Pack (PQFP)
✔
✔
✔
✔
—
✔
✔
—
—
172-Pin Ceramic Quad Flat Pack (CQFP)
—
✔
✔
✔
—
✔
—
✔
✔
176-Pin Thin Plastic Quad Flat Pack (TQFP)
✔
✔
✔
✔
—
✔
✔
—
—
176-Pin Ceramic Pin Grid Array (CPGA)
—
✔
✔
✔
—
✔
—
✔
✔
208-Pin Plastic Quad Flat Pack (PQFP)
✔
✔
✔
✔
—
✔
✔
—
—
A1280XLV Device
84-Pin Plastic Leaded Chip Carrier (PLCC)
—
✔
—
—
—
✔
—
—
—
176-Pin Thin Plastic Quad Flat Pack (TQFP)
—
✔
—
—
—
✔
—
—
—
A32100DX Device
84-Pin Ceramic Quad Flat Pack (CQFP)
—
✔
✔
✔
—
✔
—
✔
✔
84-Pin Plastic Leaded Chip Carrier (PLCC)
✔
✔
✔
✔
✔
✔
✔
—
—
160-Pin Plastic Quad Flat Pack (PQFP)
✔
✔
✔
✔
✔
✔
✔
—
—
208-Pin Plastic Quad Flat Pack (PQFP)
✔
✔
✔
✔
✔
✔
✔
—
—
Contact your Actel sales representative for product availability.
Applications:
C
= Commercial
Availability:
✔ = Available
*Speed Grade:
–1 = Approx. 15% faster than Standard
I
= Industrial
P
= Planned
–2 = Approx. 25% faster than Standard
M
= Military
— = Not Planned
–3 = Approx. 35% faster than Standard
–F = Approx. 40% slower than Standard
†
Only Std, –1, –2 Speed Grade
•
Only Std, –1 Speed Grade



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com