Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A32100DX-PLB Datasheet(PDF) 52 Page - Actel Corporation

Part # A32100DX-PLB
Description  Integrator Series FPGAs: 1200XL and 3200DX Families
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A32100DX-PLB Datasheet(HTML) 52 Page - Actel Corporation

Back Button A32100DX-PLB Datasheet HTML 48Page - Actel Corporation A32100DX-PLB Datasheet HTML 49Page - Actel Corporation A32100DX-PLB Datasheet HTML 50Page - Actel Corporation A32100DX-PLB Datasheet HTML 51Page - Actel Corporation A32100DX-PLB Datasheet HTML 52Page - Actel Corporation A32100DX-PLB Datasheet HTML 53Page - Actel Corporation A32100DX-PLB Datasheet HTML 54Page - Actel Corporation A32100DX-PLB Datasheet HTML 55Page - Actel Corporation A32100DX-PLB Datasheet HTML 56Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 84 page
background image
Inte gra t or Serie s FP GAs: 1 200XL a nd 3200 DX F amilie s
52
Discontinued – v3.0
A323 00DX Timing Char act eristics (continued)
(Worst-Case Commercial Conditions VCC = 4.75 V, TJ = 70°C)
‘–3 Speed
‘–2 Speed
‘–1’ Speed
‘Std’ Speed
‘–F’ Speed
3.3V ‘Std’
Speed
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Units
Logic Module Timing
Synchronous SRAM Operations
tRC
Read Cycle Time
6.4
7.5
8.5
10.0
14.3
11.6
ns
tWC
Write Cycle Time
6.4
7.5
8.5
10.0
14.3
11.6
ns
tRCKHL
Clock High/Low Time
3.2
3.75
4.3
5.0
7.1
5.8
ns
tRCO
Data Valid After Clock High/Low
3.2
3.75
4.3
5.0
7.1
5.8
ns
tADSU
Address/Data Set-Up Time
1.5
1.8
2.0
2.4
3.4
2.82
ns
tADH
Address/Data Hold Time
0.0
0.0
0.0
0.0
0.0
0.0
ns
tRENSU
Read Enable Set-Up
0.6
0.68
0.8
0.9
1.3
1.05
ns
tRENH
Read Enable Hold
3.2
3.75
4.3
5.0
7.1
5.8
ns
tWENSU
Write Enable Set-Up
2.6
3.0
3.4
4.0
5.7
4.7
ns
tWENH
Write Enable Hold
0.0
0.0
0.0
0.0
0.0
0.0
ns
tBENS
Block Enable Set-Up
2.6
2.3
3.5
4.1
5.9
4.8
ns
tBENH
Block Enable Hold
0.0
0.0
0.0
0.0
0.0
0.0
ns
Asynchronous SRAM Operations
tRPD
Asynchronous Access Time
7.7
9.0
10.2
12.0
17.2
14.1
ns
tRDADV
Read Address Valid
8.3
9.6
11.1
13.0
18.6
15.2
ns
tADSU
Address/Data Set-Up Time
1.5
1.8
2.0
2.4
3.4
2.8
ns
tADH
Address/Data Hold Time
0.0
0.0
0.0
0.0
0.0
0.0
ns
tRENSUA
Read Enable Set-Up to Address Valid
0.57
0.68
0.8
0.9
1.3
1.05
ns
tRENHA
Read Enable Hold
3.2
3.75
4.3
5.0
7.1
5.8
ns
tWENSU
Write Enable Set-Up
2.6
3.0
3.4
4.0
5.7
4.7
ns
tWENH
Write Enable Hold
0.0
0.0
0.0
0.0
0.0
0.0
ns
tDOH
Data Out Hold Time
1.1
1.35
1.5
1.8
2.6
2.1
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com