Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX2000-1CSG896PP Datasheet(PDF) 98 Page - Actel Corporation

Part # AX2000-1CSG896PP
Description  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CSG896PP Datasheet(HTML) 98 Page - Actel Corporation

Back Button AX2000-1CSG896PP Datasheet HTML 94Page - Actel Corporation AX2000-1CSG896PP Datasheet HTML 95Page - Actel Corporation AX2000-1CSG896PP Datasheet HTML 96Page - Actel Corporation AX2000-1CSG896PP Datasheet HTML 97Page - Actel Corporation AX2000-1CSG896PP Datasheet HTML 98Page - Actel Corporation AX2000-1CSG896PP Datasheet HTML 99Page - Actel Corporation AX2000-1CSG896PP Datasheet HTML 100Page - Actel Corporation AX2000-1CSG896PP Datasheet HTML 101Page - Actel Corporation AX2000-1CSG896PP Datasheet HTML 102Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 226 page
background image
Axcelerator Family FPGAs
2- 84
v2.7
Table 2-96 • FIFO Signal Description
Signal
Direction
Description
WCLK
Input
Write clock (active either edge).
FWEN
Input
FIFO write enable. When this signal is asserted, the WD bus data is latched into the
FIFO, and the internal write counters are incremented.
WD[N-1:0]
Input
Write data bus. The value N is dependent on the RAM configuration and can be 1,
2, 4, 9, 18, or 36.
FULL
Output
Active high signal indicating that the FIFO is FULL. When this signal is set,
additional write requests are ignored.
AFULL
Output
Active high signal indicating that the FIFO is AFULL.
AFVAL
Input
8-bit input defining the AFULL value of the FIFO.
RCLK
Input
Read clock (active either edge).
FREN
Input
FIFO read enable.
RD[N-1:0]
Output
Read data bus. The value N is dependent on the RAM configuration and can be 1,
2, 4, 9, 18, or 36.
EMPTY
Output
Empty flag indicating that the FIFO is EMPTY. When this signal is asserted,
attempts to read the FIFO will be ignored.
AEMPTY
Output
Active high signal indicating that the FIFO is AEMPTY.
AEVAL
Input
8-bit input defining the almost-empty value of the FIFO.
PIPE
Input
Sets the pipe option on or off.
CLR
Input
Active high clear input.
DEPTH
Input
Determines the depth of the FIFO and the number of FIFOs to be cascaded.
WIDTH
Input
Determines the width of the dataword / width of the FIFO, and the number of the
FIFOs to be cascaded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com