Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX2000-1CSG896PP Datasheet(PDF) 57 Page - Actel Corporation

Part # AX2000-1CSG896PP
Description  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CSG896PP Datasheet(HTML) 57 Page - Actel Corporation

Back Button AX2000-1CSG896PP Datasheet HTML 53Page - Actel Corporation AX2000-1CSG896PP Datasheet HTML 54Page - Actel Corporation AX2000-1CSG896PP Datasheet HTML 55Page - Actel Corporation AX2000-1CSG896PP Datasheet HTML 56Page - Actel Corporation AX2000-1CSG896PP Datasheet HTML 57Page - Actel Corporation AX2000-1CSG896PP Datasheet HTML 58Page - Actel Corporation AX2000-1CSG896PP Datasheet HTML 59Page - Actel Corporation AX2000-1CSG896PP Datasheet HTML 60Page - Actel Corporation AX2000-1CSG896PP Datasheet HTML 61Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 226 page
background image
Axcelerator Family FPGAs
v2.7
2-43
Module Specifications
C-Cell
Introduction
The C-cell is one of the two logic module types in the AX
architecture. It is the combinatorial logic resource in the
Axcelerator device. The AX architecture implements a
new combinatorial cell that is an extension of the C-cell
implemented in the SX-A family. The main enhancement
of the new C-cell is the addition of carry-chain logic.
The C-cell can be used in a carry-chain mode to construct
arithmetic functions. If carry-chain logic is not required,
it can be disabled.
The C-cell features the following (Figure 2-27):
•
Eight-input MUX (data: D0-D3, select: A0, A1, B0,
B1). User signals can be routed to any one of these
inputs. Any of the C-cell inputs (D0-D3, A0, A1, B0,
B1) can be tied to one of the four routed clocks
(CLKE/F/G/H).
•
Inverter (DB input) can be used to drive a
complement signal of any of the inputs to the C-
cell.
•
A carry input and a carry output. The carry input
signal of the C-cell is the carry output from the C-
cell directly to the north.
•
Carry connect for carry-chain logic with a signal
propagation time of less than 0.1 ns.
•
A hardwired connection (direct connect) to the
adjacent R-cell (Register Cell) for all C-cells on the
east
side
of
a
SuperCluster
with
a
signal
propagation time of less than 0.1 ns.
This layout of the C-cell (and the C-cell Cluster) enables
the implementation of over 4,000 functions of up to five
bits. For example, two C-cells can be used together to
implement a four-input XOR function in a single cell
delay.
The carry-chain configuration is handled automatically
for the user with Actel's extensive macro library (please
see Actel’s Antifuse Macro Library Guide for a complete
listing of available Axcelerator macros).
.
Figure 2-27 • C-Cell
1
0
D1 D3
B1
B0
D0 D2
DB
A1
A0
CFN
FCI
FCO
Y
0
0
0
0
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com