Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYW52 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BYW52
Description  Silicon Mesa Rectifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYW52 Datasheet(HTML) 1 Page - Vishay Siliconix

  BYW52 Datasheet HTML 1Page - Vishay Siliconix BYW52 Datasheet HTML 2Page - Vishay Siliconix BYW52 Datasheet HTML 3Page - Vishay Siliconix BYW52 Datasheet HTML 4Page - Vishay Siliconix BYW52 Datasheet HTML 5Page - Vishay Siliconix BYW52 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BYW52 / 53 / 54 / 55 / 56
Document Number 86049
Rev. 1.6, 14-Apr-05
Vishay Semiconductors
www.vishay.com
1
949539
Standard Avalanche Sinterglass Diode
Features
• Controlled avalanche characteristics
• Glass passivated junction
• Hermetically sealed package
• Low reverse current
• High surge current loading
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Applications
Rectification, general purpose
Mechanical Data
Case: SOD-57 Sintered glass case
Terminals: Plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: approx. 369 mg
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Part
Type differentiation
Package
BYW52
VR = 200 V; IFAV = 2 A
SOD-57
BYW53
VR = 400 V; IFAV = 2 A
SOD-57
BYW54
VR = 600 V; IFAV = 2 A
SOD-57
BYW55
VR = 800 V; IFAV = 2 A
SOD-57
BYW56
VR = 1000 V; IFAV = 2 A
SOD-57
Parameter
Test condition
Part
Symbol
Value
Unit
Reverse voltage = Repetitive
peak reverse voltage
see electrical characteristics
BYW52
VR = VRRM
200
V
BYW53
VR = VRRM
400
V
BYW54
VR = VRRM
600
V
BYW55
VR = VRRM
800
V
BYW56
VR = VRRM
1000
V
Peak forward surge current
tp = 10 ms, half sinewave
IFSM
50
A
Repetitive peak forward current
IFRM
12
A
Average forward current
ϕ = 180 °
IFAV
2A
Pulse avalanche peak power
tp = 20 µs half sine wave,
Tj = 175 °C
PR
1000
W
e2


Similar Part No. - BYW52

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYW52 VISHAY-BYW52 Datasheet
120Kb / 4P
Standard Avalanche Sinterglass Diode
25-Aug-10
BYW52 VISHAY-BYW52 Datasheet
120Kb / 4P
Standard Avalanche Sinterglass Diode
25-Aug-10
logo
SUNMATE electronic Co.,...
BYW52 SUNMATE-BYW52 Datasheet
267Kb / 3P
2.0A Axial Leaded Silicon Rectifier
logo
Vishay Siliconix
BYW52 VISHAY-BYW52 Datasheet
126Kb / 5P
Standard Avalanche Sinterglass Diode
11-Sep-12
BYW52 VISHAY-BYW52 Datasheet
140Kb / 4P
Standard Avalanche Sinterglass Diode
21-Feb-18
More results

Similar Description - BYW52

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BY203 VISHAY-BY203 Datasheet
33Kb / 3P
Silicon Mesa Rectifiers
24-Jun-98
BY228-13 VISHAY-BY228-13 Datasheet
37Kb / 3P
Silicon Mesa Rectifiers
24-Jun-98
BY268 VISHAY-BY268 Datasheet
37Kb / 3P
Silicon Mesa Rectifiers
24-Jun-98
BY448 VISHAY-BY448 Datasheet
36Kb / 3P
Silicon Mesa Rectifiers
24-Jun-98
BYT77 VISHAY-BYT77 Datasheet
43Kb / 4P
Fast Silicon Mesa Rectifiers
07-Dec-99
BYV12 VISHAY-BYV12 Datasheet
48Kb / 4P
Fast Silicon Mesa Rectifiers
24-Jun-98
BYW32 VISHAY-BYW32 Datasheet
46Kb / 4P
Fast Silicon Mesa Rectifiers
24-Jun-98
BYW82 VISHAY-BYW82 Datasheet
50Kb / 4P
Silicon Mesa Rectifiers
24-Jun-98
BYX82 VISHAY-BYX82 Datasheet
61Kb / 5P
Silicon Mesa Rectifiers
24-Jun-98
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com