Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYW52 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BYW52
Description  Silicon Mesa Rectifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYW52 Datasheet(HTML) 2 Page - Vishay Siliconix

  BYW52 Datasheet HTML 1Page - Vishay Siliconix BYW52 Datasheet HTML 2Page - Vishay Siliconix BYW52 Datasheet HTML 3Page - Vishay Siliconix BYW52 Datasheet HTML 4Page - Vishay Siliconix BYW52 Datasheet HTML 5Page - Vishay Siliconix BYW52 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
2
Document Number 86049
Rev. 1.6, 14-Apr-05
BYW52 / 53 / 54 / 55 / 56
Vishay Semiconductors
Maximum Thermal Resistance
Tamb = 25 °C, unless otherwise specified
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Typical Characteristics (Tamb = 25
°C unless otherwise specified)
Pulse energy in avalanche
mode, non repetitive (inductive
load switch off)
I(BR)R = 1 A, Tj = 175 °C
ER
20
mJ
i2* t-rating
i2*t
8
A2*s
Junction and storage
temperature range
Tj = Tstg
- 55 to + 175
°C
Parameter
Test condition
Symbol
Value
Unit
Junction ambient
l = 10 mm, TL = constant
RthJA
45
K/W
on PC board with spacing
25 mm
RthJA
100
K/W
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 1 A
VF
0.9
1.0
V
Reverse current
VR = VRRM
IR
0.1
1
µA
VR = VRRM, Tj = 100 °C
IR
510
µA
Breakdown voltage
IR = 100 µA, tp/T = 0.01,
tp = 0.3 ms
V(BR)
1600
V
Diode capacitance
VR = 4 V, f = 1 MHz
CD
18
pF
Reverse recovery time
IF = 0.5 A, IR = 1 A, iR = 0.25 A
trr
4
µs
IF = 1 A, di/dt = 5 A/µs, VR = 50 V
trr
4
µs
Reverse recovery charge
IF = 1 A, di/dt = 5 A/µsQrr
200
nC
Parameter
Test condition
Part
Symbol
Value
Unit
Figure 1. Typ. Thermal Resistance vs. Lead Length
94 9101
ll
TL= constant
0
0
20
40
60
80
120
l - Lead Length ( mm )
510
15
25
30
20
100
Figure 2. Forward Current vs. Forward Voltage
0.001
0.010
0.100
1.000
10.000
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
VF – Forward Voltage(V)
16350
Tj =25 °C
Tj = 175 °C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com