Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1220 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SA1220
Description  isc Silicon PNP Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SA1220 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SA1220 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SA1220 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Power Transistors
2SA1220/A
DESCRIPTION
·Good Linearity of hFE
·High Collector-Emitter Breakdown Voltage-
: V(BR)CEO= -120V(Min)-2SA1220
= -160V(Min)-2SA1220A
·Complement to Type 2SC2690/A
APPLICATIONS
·Adudio frequency power amplifier
·High frequency power amplifier
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
2SA1220
-120
VCBO
Collector-Base Voltage
2SA1220A
-160
V
2SA1220
-120
VCEO
Collector-Emitter Voltage
2SA1220A
-160
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current-Continuous
-1.2
A
ICM
Collector Current-Peak
-2.5
A
IB
B
Base Current-Continuous
-0.3
A
Collector Power Dissipation
@ Ta=25℃
1.2
PC
Total Power Dissipation
@ TC=25℃
20
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃
isc Website:www.iscsemi.cn


Similar Part No. - 2SA1220

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SA1220 ETC-2SA1220 Datasheet
35Kb / 1P
PNP/NPN SILICON EPITAXIAL TRANSISTOR
logo
Savantic, Inc.
2SA1220 SAVANTIC-2SA1220 Datasheet
133Kb / 4P
Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SA1220 JMNIC-2SA1220 Datasheet
194Kb / 4P
Silicon PNP Power Transistors
2SA1220 JMNIC-2SA1220 Datasheet
194Kb / 4P
Silicon PNP Power Transistors
logo
New Jersey Semi-Conduct...
2SA1220 NJSEMI-2SA1220 Datasheet
127Kb / 2P
Silicon PNP Power Transistors
More results

Similar Description - 2SA1220

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BDT82F ISC-BDT82F Datasheet
111Kb / 2P
isc Silicon PNP Power Transistors
2N5737 ISC-2N5737 Datasheet
40Kb / 2P
isc Silicon PNP Power Transistors
2SB551 ISC-2SB551 Datasheet
302Kb / 2P
isc Silicon PNP Power Transistors
2SB656 ISC-2SB656 Datasheet
226Kb / 2P
isc Silicon PNP Power Transistors
2SB696 ISC-2SB696 Datasheet
222Kb / 2P
isc Silicon PNP Power Transistors
MJF45H11 ISC-MJF45H11 Datasheet
76Kb / 2P
isc Silicon PNP Power Transistors
TIP32E ISC-TIP32E Datasheet
248Kb / 2P
isc Silicon PNP Power Transistors
TIP30D ISC-TIP30D Datasheet
149Kb / 2P
isc Silicon PNP Power Transistors
TIP42C-220 ISC-TIP42C-220 Datasheet
145Kb / 2P
isc Silicon PNP Power Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com