Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD380 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BD380
Description  isc Silicon PNP Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BD380 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BD380 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BD380 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Power Transistors
BD376/378/380
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
BD376
-45
BD378
-60
VCEO(SUS)
Collector-Emitter
Sustaining Voltage
BD380
IC= -100mA ; IB= 0
-80
V
BD376
-50
BD378
-75
VCBO
Collector-Base Voltage
BD380
IC= -0.1mA ; IE= 0
-100
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= -1A; IB= -0.1A
B
-1.0
V
VBE(on)
Base-Emitter On Voltage
IC= -1A; VCE= -2V
-1.5
V
BD376
VCB= -45V; IE= 0
-2
BD378
VCB= -60V; IE= 0
-2
ICBO
Collector Cutoff Current
BD380
VCB= -80V; IE= 0
-2
μA
IEBO
Emitter Cutoff Current
VEB= -5V; IC= 0
-0.1
mA
hFE-1
DC Current Gain
IC= -0.15A ; VCE= -2V
40
375
hFE-2
DC Current Gain
IC= -1A; VCE= -2V
20
Switching Times
ton
Turn-On Time
0.05
μs
toff
Turn-Off Time
IC= -0.5A; IB1= -IB2= -50mA;
VCC= -30V
0.5
μs
hFE-1 Classifications
6
10
16
25
40-100
63-160
100-250
150-375
isc Website:www.iscsemi.cn
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com