Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD380 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BD380
Description  isc Silicon PNP Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BD380 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BD380 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BD380 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Power Transistors
BD376/378/380
DESCRIPTION
·DC Current Gain-
: hFE= 20(Min)@ IC= -1A
·Complement to Type BD375/377/379
APPLICATIONS
·Designed for medium power linear and switching
applications
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
BD376
-50
BD378
-75
VCBO
Collector-Base Voltage
BD380
-100
V
BD376
-45
BD378
-60
VCEO
Collector-Emitter Voltage
BD380
-80
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current-Continuous
-2
A
ICM
Collector Current-Peak
-3
A
IB
B
Base Current-Continuous
-1
A
PC
Collector Power Dissipation
@ TC=25℃
25
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃
isc Website:www.iscsemi.cn


Similar Part No. - BD380

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BD380 FAIRCHILD-BD380 Datasheet
42Kb / 4P
Medium Power Linear and Switching Applications
logo
New Jersey Semi-Conduct...
BD380 NJSEMI-BD380 Datasheet
129Kb / 2P
Silicon PNP Power Transistors
logo
Rohm
BD3801FS ROHM-BD3801FS Datasheet
210Kb / 6P
SCF built-in sound processor for car audio
BD3805F ROHM-BD3805F Datasheet
204Kb / 6P
SCF built-in sound processor for car audio
logo
Pan Jit International I...
BD380S PANJIT-BD380S Datasheet
124Kb / 3P
THROUGH HOLE SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - BD380

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BDT82F ISC-BDT82F Datasheet
111Kb / 2P
isc Silicon PNP Power Transistors
2N5737 ISC-2N5737 Datasheet
40Kb / 2P
isc Silicon PNP Power Transistors
2SB551 ISC-2SB551 Datasheet
302Kb / 2P
isc Silicon PNP Power Transistors
2SB656 ISC-2SB656 Datasheet
226Kb / 2P
isc Silicon PNP Power Transistors
2SB696 ISC-2SB696 Datasheet
222Kb / 2P
isc Silicon PNP Power Transistors
MJF45H11 ISC-MJF45H11 Datasheet
76Kb / 2P
isc Silicon PNP Power Transistors
TIP32E ISC-TIP32E Datasheet
248Kb / 2P
isc Silicon PNP Power Transistors
TIP30D ISC-TIP30D Datasheet
149Kb / 2P
isc Silicon PNP Power Transistors
TIP42C-220 ISC-TIP42C-220 Datasheet
145Kb / 2P
isc Silicon PNP Power Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com