Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUF405AXI Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BUF405AXI
Description  isc Silicon NPN Power Transistor BUF405AXI
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUF405AXI Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BUF405AXI Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUF405AXI Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
BUF405AXI
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= 0.2A; IB= 0; L= 25mH
450
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE= 50mA; IC= 0
7
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= 2.5A; IB= 0.25A
0.8
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= 5A; IB= 1A
B
0.5
V
VBE(sat)-1
Base-Emitter Saturation Voltage
IC= 2.5A; IB= 0.25A
0.9
V
VBE(sat)-2
Base-Emitter Saturation Voltage
IC= 5A; IB= 1A
B
1.1
V
ICER
Collector Cutoff Current
VCE= VCEV; RBE= 5Ω
VCE= VCEV; RBE= 5Ω;TC=100℃
0.1
0.5
mA
ICEV
Collector Cutoff Current
VCE= VCEV; VBE= -1.5V
VCE= VCEV; VBE= -1.5V;TC=100℃
0.1
0.5
mA
IEBO
Emitter Cutoff Current
VEB= 5V; IC= 0
1.0
mA
Switching Times
ts
Storage Time
0.8
μs
tf
Fall Time
IC= 2.5A;IB1= 0.25A;VCC= 50V;
VBB= -5V, RBB= 2.4Ω;L= 1mH
Vclamp= 400V
0.05
μs
isc Website:www.iscsemi.cn



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com