Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUF405AXI Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BUF405AXI
Description  isc Silicon NPN Power Transistor BUF405AXI
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUF405AXI Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BUF405AXI Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUF405AXI Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
BUF405AXI
DESCRIPTION
·High Voltage
·High Speed Switching
APPLICATIONS
·Designed for high reliability industrial and professional
power driving applications such as
motor drivers and
off-line switching power supplies.
ABSOLUTE MAXIMUM RATINGS (Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCEV
Collector-Emitter Voltage
VBE= -1.5V
1000
V
VCEO
Collector-Emitter Voltage
450
V
VEBO
Emitter-Base Voltage
7
V
IC
Collector Current-Continuous
7.5
A
ICM
Collector Current-Peak
15
A
IB
B
Base Current-Continuous
3
A
IBM
Base Current-peak
4.5
A
PC
Collector Power Dissipation
@TC=25℃
39
W
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-65~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
3.2
℃/W
isc Website:www.iscsemi.cn


Similar Part No. - BUF405AXI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUF405A STMICROELECTRONICS-BUF405A Datasheet
51Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
Jan-1999
logo
Savantic, Inc.
BUF405A SAVANTIC-BUF405A Datasheet
98Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
BUF405A ISC-BUF405A Datasheet
132Kb / 3P
Silicon NPN Power Transistors
logo
Savantic, Inc.
BUF405A SAVANTIC-BUF405A Datasheet
100Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
BUF405AFI ISC-BUF405AFI Datasheet
104Kb / 2P
isc Silicon NPN Power Transistor
More results

Similar Description - BUF405AXI

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com