Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1272-8ACSW Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1272-8ACSW
Description  12-Bit, 3關s, 250kHz Sampling A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1272-8ACSW Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1272-8ACSW Datasheet HTML 3Page - Linear Technology LTC1272-8ACSW Datasheet HTML 4Page - Linear Technology LTC1272-8ACSW Datasheet HTML 5Page - Linear Technology LTC1272-8ACSW Datasheet HTML 6Page - Linear Technology LTC1272-8ACSW Datasheet HTML 7Page - Linear Technology LTC1272-8ACSW Datasheet HTML 8Page - Linear Technology LTC1272-8ACSW Datasheet HTML 9Page - Linear Technology LTC1272-8ACSW Datasheet HTML 10Page - Linear Technology LTC1272-8ACSW Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
LTC1272
1272fb
S
APPLICATI
I FOR ATIO
Conversion Details
Conversion start is controlled by the CS, RD and HBEN
inputs. At the start of conversion the successive approxi-
mation register (SAR) is reset and the three-state data
outputs are enabled. Once a conversion cycle has begun
it cannot be restarted.
During conversion, the internal 12-bit capacitive DAC
output is sequenced by the SAR from the most significant
bit (MSB) to the least significant bit (LSB). Referring to
Figure 1, the AIN input connects to the sample-and-hold
capacitor through a 300
Ω/2.7kΩ divider. The voltage
divider allows the LTC1272 to convert 0V to 5V input
signals while operating from a 4.5V supply. The conver-
sion has two phases: the sample phase and the convert
phase. During the sample phase, the comparator offset is
nulled by the feedback switch and the analog input is
stored as a charge on the sample-and-hold capacitor,
CSAMPLE. This phase lasts from the end of the previous
conversion until the next conversion is started. A mini-
mum delay between conversions (t10) of 1µs allows
enough time for the analog input to be acquired. During the
convert phase, the comparator feedback switch opens,
putting the comparator into the compare mode. The
sample-and-hold capacitor is switched to ground inject-
ing the analog input charge onto the comparator summing
junction. This input charge is successively compared to
binary weighted charges supplied by the capacitive DAC.
Bit decisions are made by the comparator (zero crossing
detector) which checks the addition of each successive
weighted bit from the DAC output. The MSB decision is
made 50ns (typically) after the second falling edge of CLK
IN following a conversion start. Similarly, the succeeding
bit decisions are made approximately 50ns after a CLK IN
edge until the conversion is finished. At the end of a
conversion, the DAC output balances the AINoutputcharge.
The SAR contents (12-bit data word) which represent the
AIN input signal are loaded into a 12-bit latch.
Sample-and-Hold and Dynamic Performance
Traditionally A/D converters have been characterized by
such specs as offset and full-scale errors, integral
Figure 1. AIN Input
Figure 2. LTC1272 Non-Averaged, 1024 Point FFT Plot.
fS = 250kHz, fIN = 10kHz
VDAC
LTC1272 • TA07
+
–
CDAC
DAC
300
Ω
SAMPLE
HOLD
CSAMPLE
2.7k
AIN
S
A
R
12-BIT
LATCH
COMPARATOR
SAMPLE
SI
FREQUENCY (kHz)
0
–110
–90
–70
–50
–30
–10
0
20
40
80
120
LTC1272 • TA23
–20
–40
–60
–80
–100
60
100
nonlinearity and differential nonlinearity. These specs are
useful for characterizing an ADC’s DC or low frequency
signal performance.
These specs alone are not adequate to fully specify the
LTC1272 because of its high speed sampling ability. FFT
(Fast Fourrier Transform) test techniques are used to
characterize the LTC1272’s frequency response, distor-
tion and noise at the rated throughput.
By applying a low distortion sine wave and analyzing the
digital output using a FFT algorithm, the LTC1272’s spec-
tral content can be examined for frequencies outside the
fundamental. Figure 2 shows a typical LTC1272 FFT plot.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com