Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1272-8ACSW Datasheet(PDF) 19 Page - Linear Technology

Part # LTC1272-8ACSW
Description  12-Bit, 3關s, 250kHz Sampling A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1272-8ACSW Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC1272-8ACSW Datasheet HTML 12Page - Linear Technology LTC1272-8ACSW Datasheet HTML 13Page - Linear Technology LTC1272-8ACSW Datasheet HTML 14Page - Linear Technology LTC1272-8ACSW Datasheet HTML 15Page - Linear Technology LTC1272-8ACSW Datasheet HTML 16Page - Linear Technology LTC1272-8ACSW Datasheet HTML 17Page - Linear Technology LTC1272-8ACSW Datasheet HTML 18Page - Linear Technology LTC1272-8ACSW Datasheet HTML 19Page - Linear Technology LTC1272-8ACSW Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
19
LTC1272
1272fb
Figure 23. Plugging the LTC1272 into an AD7572 Socket
Case 2: Clock Not Synchronous with CS and RD
S
APPLICATI
I FOR ATIO
EXTERNAL
ASYNCHRONOUS
CLOCK
10 F
µ
IN
REF
D11 (MSB)
D10
D9
D8
D7
CLK IN
CLK OUT
HBEN
RD
CS
BUSY
NC
V
LTC1272
D6
D5
D4
DGND
D3/11
D2/10
D1/9
D0/8
A
V
AGND
DD
✝
P
CONTROL
LINES
µ
µ
0.1 F
–15V
P
DATA
BUS
ANALOG INPUT
(0V TO 5V)
10
µF
THE LTC1272 HAS THE SAME 0V TO 5V INPUT RANGE BUT PROVIDES A 2.42V
REFERENCE OUTPUT AS OPPOSED TO THE –5.25V OF THE AD7572. FOR PROPER
OPERATION, REVERSE THE REFERENCE CAPACITOR POLARITY AND SHORT OUT THE
10
RESISTOR.
Ω
*
THE D FLIP-FLOP SYNCHRONIZES THE CONVERSION START SIGNAL (RD ) TO THE
ADC CLK
SIGNAL TO PREVENT OUTPUT CODE NOISE WHICH OCCURS WITH
AN ASYNCHRONOUS CLOCK.
**
THE LTC1272 CAN ACCOMMODATE THE –15V SUPPLY OF THE AD7572 BUT DOES
NOT REQUIRE IT. PIN 23 OF THE LTC1272 IS NOT INTERNALLY CONNECTED.
LTC1272 • TA05
2.42V
V
OUTPUT
*
REF
10
Ω
0.1
µF
10 F
µ
µ
0.1 F
5V
+
✝
OUT
74HC04
RD
S
Q
D**
CLK
1/2
74HC74
OR
µ
+
*
†
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com