Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1391CS Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1391CS
Description  8-Channel Analog Multiplexer with Cascadable Serial Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1391CS Datasheet(HTML) 4 Page - Linear Technology

  LTC1391CS Datasheet HTML 1Page - Linear Technology LTC1391CS Datasheet HTML 2Page - Linear Technology LTC1391CS Datasheet HTML 3Page - Linear Technology LTC1391CS Datasheet HTML 4Page - Linear Technology LTC1391CS Datasheet HTML 5Page - Linear Technology LTC1391CS Datasheet HTML 6Page - Linear Technology LTC1391CS Datasheet HTML 7Page - Linear Technology LTC1391CS Datasheet HTML 8Page - Linear Technology LTC1391CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC1391
sn1391 1391fas
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V
+ = 2.7V, V– = GND = 0V, unless otherwise specified.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Guaranteed by Design.
Note 3: Leakage current with a single 2.7V supply is guaranteed by
correlation with the
±5V leakage current specifications.
Note 4: Timing specifications with a single 2.7V supply are guaranteed by
correlation with the
±5V timing specifications.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Dynamic
fCLK
Clock Frequency
(Note 2)
5
MHz
tON
Enable Turn-On Time
VS = 1.5V, RL = 1k, CL = 35pF (Note 4)
490
800
ns
tOFF
Enable Turn-Off Time
VS = 1.5V, RL = 1k, CL = 35pF (Note 4)
190
400
ns
tOPEN
Break-Before-Make Interval
(Note 4)
125
290
ns
QIRR
Off Isolation
VS = 2VP–P, RL = 1k, f = 100kHz
70
dB
QINJ
Charge Injection
RS = 0, CL = 1000pF, VS = 1V (Note 2)
±1
±5pC
CS(OFF)
Input Off Capacitance
5pF
CD(OFF)
Output Off Capacitance
10
pF
Supply
I+
Positive Supply Current
All Logic Inputs Tied Together, VIN = 0V or 2.7V
q
0.2
2
µA
TEMPERATURE (
°C)
–40
–20
300
250
200
150
100
50
0
80
1391 G01
0
20
40
60
V+ = 2.7V
V – = 0V
VS = 1.2V
V+ = 5V
V – = –5V
VS = 0V
On-Resistance vs Temperature
TEMPERATURE (
°C)
–40
0.65
0.60
0.55
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
60
1391 G03
–20
020
40
80
V+ = 5V
V – = –5V
IO = 1.8mA
V+ = 2.7V
V – = 0V
IO = 400µA
OUTPUT CURRENT (mA)
0
0.4
0.8 1.0
2.0
1.8
1391 G02
0.2
0.6
1.2 1.4 1.6
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
TA = 25°C
V+ = 2.7V
V – = 0V
V+ = 5V
V – = –5V
Driver Output Low Voltage
vs Output Current
Driver Output Low Voltage
vs Temperature
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com