Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1391CS Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1391CS
Description  8-Channel Analog Multiplexer with Cascadable Serial Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1391CS Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1391CS Datasheet HTML 2Page - Linear Technology LTC1391CS Datasheet HTML 3Page - Linear Technology LTC1391CS Datasheet HTML 4Page - Linear Technology LTC1391CS Datasheet HTML 5Page - Linear Technology LTC1391CS Datasheet HTML 6Page - Linear Technology LTC1391CS Datasheet HTML 7Page - Linear Technology LTC1391CS Datasheet HTML 8Page - Linear Technology LTC1391CS Datasheet HTML 9Page - Linear Technology LTC1391CS Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LTC1391
sn1391 1391fas
APPLICATIONS INFORMATION
Multiplexer Operation
Figure 1 shows the block diagram of the components
within the LTC1391 required for MUX operation. The
LTC1391 uses DIN to select the active channel and the chip
select input, CS, to switch on the selected channel as
shown in Figure 2.
When CS is high, the input data on the DIN pin is latched
into the 4-bit shift register on the rising clock edge. The
input data consists of the “EN” bit and a string of three bits
for channel selection. If “EN” bit is logic high as illustrated
in the first input data sequence, it enables the selected
channel. After the clocking in of the last channel selection
bit B0, the CS pin must be pulled low before the next rising
clock edge to ensure correct operation. Once CS is pulled
low, the previously selected channel is switched off to
ensure a break-before-make interval. After a delay of tON,
the selected channel is switched on allowing signal trans-
mission. The selected channel remains on until the next
falling edge of CS. After a delay of tOFF, the LTC1391
terminates the analog signal transmission and allows the
selection of next channel. If the “EN” bit is logic low, as
illustrated in the second data sequence, it disables all
channels and there will be no analog signal transmission.
Table 1 shows the various bit combinations for channel
selection.
Table 1. Logic Table for Channel Selection
ACTIVE CHANNEL
EN
B2
B1
BO
All Off
0
X
X
X
S0
1
0
0
0
S1
1
0
0
1
S2
1
0
1
0
S3
1
0
1
1
S4
1
1
0
0
S5
1
1
0
1
S6
1
1
1
0
S7
1
1
1
1
Digital Data Transfer Operation
The block diagram of Figure 3 shows the components
within the LTC1391 required for serial data transfer. When
CS is held high, data is fed into the 4-bit shift register and
then shifted to DOUT. Data appears at DOUT after the fourth
rising edge of the clock as shown in Figure 4. The last four
Figure 2. Multiplexer Operation
EN
HIGH
B2
EN LO
B2
B1
B0
B1
B0
CLK
CS
DIN
ANY ANALOG
INPUT
D
tON
tOFF
1391 • F02
Figure 1. Simplified Block Diagram of the MUX Operation
CONTROL
LOGIC
4-BIT SHIFT
REGISTER
MUX
BLOCK
CLK
DIN
CS
1391 • F01
ANALOG
OUTPUT (D)
ANALOG INPUTS
(S0 TO S7)
Figure 3. Simplified Block Diagram of the
Digital Data Transfer Operation
CONTROL
LOGIC
4-BIT SHIFT
REGISTER
CLK
DIN
CS
1391 F03
DOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com