Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1391IGN Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1391IGN
Description  8-Channel Analog Multiplexer with Cascadable Serial Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1391IGN Datasheet(HTML) 1 Page - Linear Technology

  LTC1391IGN Datasheet HTML 1Page - Linear Technology LTC1391IGN Datasheet HTML 2Page - Linear Technology LTC1391IGN Datasheet HTML 3Page - Linear Technology LTC1391IGN Datasheet HTML 4Page - Linear Technology LTC1391IGN Datasheet HTML 5Page - Linear Technology LTC1391IGN Datasheet HTML 6Page - Linear Technology LTC1391IGN Datasheet HTML 7Page - Linear Technology LTC1391IGN Datasheet HTML 8Page - Linear Technology LTC1391IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC1391
sn1391 1391fas
8-Channel
Analog Multiplexer with
Cascadable Serial Interface
s
Low RON: 45Ω
s
Single 2.7V to
±5V Supply Operation
s
Low Charge Injection
s
Serial Digital Interface
s
Analog Inputs May Extend to Supply Rails
s
Low Leakage:
±5nA Max
s
Guaranteed Break-Before-Make
s
TTL/CMOS Compatible for All Digital Inputs
s
Cascadable to Allow Additional Channels
s
Can Be Used as a Demultiplexer
The LTC
®1391 is a high performance CMOS 8-to-1 analog
multiplexer. It features a serial digital interface that allows
several LTC1391s to be daisy-chained together, increas-
ing the number of MUX channels available using a single
digital port.
The LTC1391 features a typical RON of 45Ω, a typical
switch leakage of 50pA and guaranteed break-before-
make operation. Charge injection is
±10pC maximum. All
digital inputs are TTL and CMOS compatible when oper-
ated from single or dual supplies. The inputs can with-
stand 100mA fault current.
The LTC1391 is available in 16-pin PDIP, SSOP and
narrow SO packages. For applications requiring 2-way
serial data transmission, see the LTC1390 data sheet.
s
Data Acquisition Systems
s
Communication Systems
s
Signal Multiplexing/Demultiplexing
, LTC and LT are registered trademarks of Linear Technology Corporation.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
S0
S1
S2
S3
S4
S5
S6
S7
V+
D
V
DOUT
DIN
CS
CLK
GND
ANALOG
INPUTS
LTC1391
1
2
3
4
8
7
6
5
VCC
CLK
DOUT
CS/SHDN
VREF
+IN
–IN
GND
LTC1285
3V
0.1
µF OPTIONAL A/D
INPUT FILTER
1
µF
DATA IN
CLK
CS
DATA OUT
SERIAL INTERFACE
TO MUX AND ADC
1391 TA01
ANALOG INPUT VOLTAGE (V)
–5 –4
–2
0
2
4
300
250
200
150
100
50
0
–3
–1
1
3
1391 TA02
5
TA = 25°C
V+ = 2.7V
V = 0V
V+ = 5V
V = –5V
On-Resistance vs
Analog Input Voltage
3V, 8-Channel 12-Bit ADC
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LTC1391IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1391IGN LINER-LTC1391IGN Datasheet
159Kb / 9P
8-Channel Analog Multiplexer with Cascadable Serial Interface
More results

Similar Description - LTC1391IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1380 LINER-LTC1380 Datasheet
275Kb / 12P
Single-Ended 8-Channel/ Differential 4-Channel Analog Multiplexer with SMBus Interface
LTC1390 LINER-LTC1390 Datasheet
225Kb / 8P
8-Channel Analog Multiplexer with Serial Interface
LTC1391 LINER-LTC1391 Datasheet
159Kb / 9P
8-Channel Analog Multiplexer with Cascadable Serial Interface
logo
Maxim Integrated Produc...
MAX4820 MAXIM-MAX4820 Datasheet
343Kb / 13P
3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Rev 0; 1/03
logo
National Semiconductor ...
LF13508 NSC-LF13508 Datasheet
334Kb / 16P
8-Channel Analog Multiplexer
logo
Maxim Integrated Produc...
MAX4820 MAXIM-MAX4820_09 Datasheet
180Kb / 12P
3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Rev 1; 4/09
MAX4820 MAXIM-MAX4820_10 Datasheet
200Kb / 12P
3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Rev 2; 1/10
logo
Fairchild Semiconductor
74VHC4051MX FAIRCHILD-74VHC4051MX Datasheet
441Kb / 16P
8-Channel Analog Multiplexer
logo
Linear Technology
LTC1390 LINER-LTC1390_15 Datasheet
168Kb / 8P
8-Channel Analog Multiplexer with Serial Interface
LTC1391 LINER-LTC1391_15 Datasheet
186Kb / 12P
8-Channel Analog Multiplexer with Cascadable Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com