Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1391IGN Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1391IGN
Description  8-Channel Analog Multiplexer with Cascadable Serial Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1391IGN Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1391IGN Datasheet HTML 4Page - Linear Technology LTC1391IGN Datasheet HTML 5Page - Linear Technology LTC1391IGN Datasheet HTML 6Page - Linear Technology LTC1391IGN Datasheet HTML 7Page - Linear Technology LTC1391IGN Datasheet HTML 8Page - Linear Technology LTC1391IGN Datasheet HTML 9Page - Linear Technology LTC1391IGN Datasheet HTML 10Page - Linear Technology LTC1391IGN Datasheet HTML 11Page - Linear Technology LTC1391IGN Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LTC1391
sn1391 1391fas
PART NUMBER
DESCRIPTION
COMMENTS
LTC1285
3V 12-Bit ADC
Micropower, Auto Shutdown, SO-8 Package, SPI, QSPI + MICROWIRE
TM Compatible
LTC1286
5V 12-Bit ADC
Micropower, Auto Shutdown, SO-8 Package, SPI, QSPI + MICROWIRE Compatible
LTC1380/LTC1393
SMBus-Controlled Analog Multiplexer
Low RON and Low Charge Injection
LTC1390
Serial-Controlled 8-to-1 Analog Multiplexer
Low RON, Bidirectional Serial Interface, Low Power, 16-Pin SO
LTC1401
3V, 12-Bit, 200ksps Serial ADC
15mW, Internal Reference, SO-8 Package
LTC1402
12-Bit, 2.2Msps Serial ADC
90mW with Nap and Sleep Modes, 5V or
±5V, Internal Reference
LTC1404
12-Bit, 600ksps Serial ADC
5V or
±5V, Internal Reference and Shutdown
LTC1417
14-Bit, 400ksps Serial ADC
20mW, Single 5V or
±5V Supply
LTC1451
5V 12-Bit Voltage Output DAC
Complete VOUT DAC, SO-8 Package, Daisy-Chainable, Low Power
LTC1452
5V and 3V 12-Bit Voltage Output DAC
Multiplying VOUT DAC, SO-8 Package, Rail-to-Rail Output, Low Power
LTC1453
3V 12-Bit Voltage Output DAC
Complete VOUT DAC, SO-8 Package, Daisy-Chainable, Low Power
LT1460-2.5
Micropower, Precision Bandgap Reference
130
µA Supply Current, 10ppm/°C, Available in SOT-23
LT1461-2.5
Micropower, Low Dropout Reference
50
µA Supply Current, 300mV Dropout, 3ppm/°C Drift
LTC1655/LTC1655L 16-Bit, Voltage Output DAC, 5V/3V
SO-8 Package, Micropower, Serial I/O
LTC1658
14-Bit, Voltage Output DAC
Micropower, Multiplying VOUT, Swings from GND to VREF
MICROWIRE is a trademark of National Semiconductor.
RELATED PARTS
Interfacing LTC1391 with LTC1257 for Demultiplex Operation
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
S0
S1
S2
S3
S4
S5
S6
S7
V+
D
V –
DOUT
DIN
CS
CLK
GND
LTC1391
1
2
3
4
8
7
6
5
VCC
VOUT
VREF
GND
CLK
DIN
LOAD
DOUT
LTC1257
5V
≤ V+ ≤ 12V
0.1
µF
0.1
µF
OPTIONAL D/A
OUTPUT FILTER
47k
DATA
1391 TA03
CS
CLK
ANALOG
OUTPUTS
TTL COMPATIBLE
AT V+ = 5V
LT/TP 0701 1.5K REV A • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 1995
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
TYPICAL APPLICATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com