Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AED Datasheet(PDF) 1 Page - Emerson Network Power

Part # AED
Description  Industry standard package 16th Brick 0.90??x 1.30
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

AED Datasheet(HTML) 1 Page - Emerson Network Power

  AED Datasheet HTML 1Page - Emerson Network Power AED Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Embedded Power for
Business-Critical Continuity
AED/ALD17
150 Watts
Special Features
• High efficiency (96% Typical)
• Industry standard package
16th Brick 0.90” x 1.30"
• High capacitive load limit on
start-up
• Output Enable Pin
• Undervoltage lockout
• Over Temperature Protection
• Meets Basic Insulation
• EU directive 2002/95/EC
compliant for RoHS
Total Power:
150 Watts
Input Voltage: 48V
# of Outputs:
Single
Electrical Specifications
Safety
Input
Input range
36V to 55V
Efficiency
96%@ 9.6V (typical)
Over Voltage Protection
60V typical
Input UVLO
36 to 37.5V
Output
Output current
17A max
Line regulation
-25% / +15% Vo, nom
Load regulation
5% Vo (typical)
Noise/ripple1
90mV (typical)
Over current limit
Auto-restart
Over temperature protection 115°C average PCB temperature (autorecovery)
Switching frequency
165kHz
Control
Enable
TTL compatible (positive or negative enable logic)
Isolation Voltage
Input to Output
2000Vdc max
UL, cUL 60950
TUV
EN60950
Rev. 04.02.08
AED/ALD17
1 of 2
Operating ambient temperature range
-40°C to +85°C ambient
Storage temperature
-55°C to +125°C
MTBF
>1 million hours
Environmental Specifications
RoHS


Similar Part No. - AED

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AED XPPOWER-AED Datasheet
111Kb / 4P
Single Outputs from 5 V to 48 V
logo
Ohmite Mfg. Co.
AED1000RE OHMITE-AED1000RE Datasheet
43Kb / 1P
Epoxy Molded Precision Wirewound Axial Terminals
logo
XP Power Limited
AED100US12 XPPOWER-AED100US12 Datasheet
170Kb / 2P
AC-DC Power Supplies
AED100US15 XPPOWER-AED100US15 Datasheet
170Kb / 2P
AC-DC Power Supplies
AED100US18 XPPOWER-AED100US18 Datasheet
170Kb / 2P
AC-DC Power Supplies
More results

Similar Description - AED

ManufacturerPart #DatasheetDescription
logo
Ericsson
PKJ4111EP ERICSSON-PKJ4111EP Datasheet
1Mb / 30P
Industry standard Half-brick
logo
Power-One
HAS030ZH-AT POWER-ONE-HAS030ZH-AT Datasheet
124Kb / 3P
Industry Standard Half-Brick
logo
Ericsson
PKB4711PINBM ERICSSON-PKB4711PINBM Datasheet
1Mb / 46P
Industry standard Eighth-brick
logo
Power-One
HBS150ZG-ANT POWER-ONE-HBS150ZG-ANT Datasheet
121Kb / 3P
Industry Standard Half- Brick
logo
XP Power Limited
QSB40024S05 XPPOWER-QSB40024S05 Datasheet
141Kb / 4P
Industry Standard Full Brick Package
logo
Delta Electronics, Inc.
V36SE DELTA-V36SE Datasheet
721Kb / 13P
Industry standard 1/16th brick size & pinout
logo
XP Power Limited
QSB400 XPPOWER-QSB400 Datasheet
141Kb / 4P
Industry Standard Full Brick Package
logo
Delta Electronics, Inc.
V36SE05010 DELTA-V36SE05010 Datasheet
721Kb / 13P
Industry standard 1/16th brick size & pinout
logo
Bel Fuse Inc.
SQE48T30 BEL-SQE48T30 Datasheet
1Mb / 25P
Industry-standard quarter-brick pinout
SQE48T10120 BEL-SQE48T10120 Datasheet
1Mb / 13P
Industry-standard quarter-brick pinout
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com