Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AED Datasheet(PDF) 2 Page - Emerson Network Power

Part # AED
Description  Industry standard package 16th Brick 0.90??x 1.30
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

AED Datasheet(HTML) 2 Page - Emerson Network Power

  AED Datasheet HTML 1Page - Emerson Network Power AED Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Embedded Power for
Business-Critical Continuity
Pin Assignments
Single Output
1. +Vin
2. Enable
3. -Vin
4. -Vout
5. Blank
6. Blank
7. Blank
8. +Vout
Notes:
1. 20 MHz bandwidth. External 10 uF tant. capaci-
tor in parallel with 1 uF ceramic capacitor
placed across the output and secondary return
ground.
2. Efficiency measurements are typical values
taken at 48V input, nominal output, full load
and TA = 25°C.
3. All specifications are typical at nominal line, full
load and TA = 25°C unless otherwise noted.
4. All specifications subject to change without
notice.
5. Mechanical drawings are for reference only.
Dimensions are in inches [millimeters]. Pin
placement tolerance ± 0.005 [0.127].
Mechanical Tolerance ± 0.02 [0.5]. Pin diame-
ter,
∅ = 0.06” for Pin 4 (-Vout) and Pin 8
(+Vout), the rest of the pins are
∅ = 0.04”.
6. Technical Reference Notes should be consulted
for detailed information when available.
7. Warranty 1yr.
Mechanical Drawing
Ordering Information
Input
Voltage
Output Voltage
Output Current
Efficiency2
Model Number
38 - 55V
9.6V
17A
96% Typ
A(X)D17Q50(N)-(6)(L)
Options:
(X) :
“L” = Open Frame / Low Profile
“E” = Heatplate Construction
(N) :
"N" = designates Negative Logic Enable (default is Positive Enable with no suffix “N” required)
(6) :
“-6” = 3.7mm nominal pin length (default is 5mm nominal pin length with no suffix “-6” required)
(L)
:
“L” = RoHS Compliant (RoHS 6)
without
“L” = RoHS Compliant with lead (Pb) in solder exemption (RoHS 5)
Rev. 04.02.08
AED/ALD17
2 of 2
* This is a Preliminary Data Sheet. Astec
Power reserves the right to make changes
to the information contained herein with-
out notice and assumes no liability as a
result of its use or application.
PIN SIDE DOWN
PIN SIDE UP
0.15 [3.8]
0.30 [7.6]
0.60 [15.2]
0.60 [15.2]
[1.0Ø](6X)
0.04Ø
SIDE VIEW
[1.57Ø] (2x)
0.062 Ø
1.30 [33.0]
0.90 [22.9]
0.35 [8.9]
0.189[4.8] min
0.204[5.2] max
1.10 [27.9]
0.10 [2.5]
PIN 1
PIN 3
PIN 8
PIN 4
(3X)
0.90
[22.9]
0.10
[2.5]
1.10
[27.9]
0.05
[1.2]
1.39
[35.3]
0.60
[15.2]
0.30
[7.6]
0.15
[3.8]
0.30
[7.6]
0.60
[15.2]
CL
1.30
[33.0]
({ -6 OPTION} PIN LENGHT).
0.040 Ø[1.0 Ø](3X)
(STD PIN LENGHT).
0.062 Ø[1.57 Ø](2X)
0.54
[13.6]
0.42
[10.6]
PIN SIDE DOWN
SIDE VIEW
PIN SIDE UP
AED Series
ALD Series
Americas
5810 Van Allen Way
Carlsbad, CA 92008
USA
Telephone: +1 (760) 930 4600
Facsimile: +1 (760) 930 0698
Europe (UK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
Telephone: +44 (0) 1384 842 211
Facsimile: +44 (0) 1384 843 355
Asia (HK)
14/F, Lu Plaza
2 Wing Yip Street
Kwun Tong, Kowloon
Hong Kong
Telephone: +852 2176 3333
Facsimile: +852 2176 3888
For global contact, visit:
www.powerconversion.com
techsupport.embeddedpower
@emerson.com
While every precaution has been taken to ensure
accuracy and completeness in this literature, Emerson
Network Power assumes no responsibility, and disclaims
all liability for damages resulting from use of this
information or for any errors or omissions.
Emerson Network Power and the Emerson
Network Power logo are trademarks and
service marks of Emerson Electric Co.
©2008 Emerson Electric Co.
EmersonNetworkPower. com
Embedded Computing
Embedded Power
Monitoring
Outside Plant
Power Switching & Controls
Precision Cooling
Racks & Integrated Cabinets
Services
Surge Protection
Emerson Network Power.
The global leader in enabling
business-critical continuity.
AC Power
Connectivity
DC Power



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com