Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1458CSW Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1458CSW
Description  Quad 12-Bit Rail-to-RailvMicropower DACs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1458CSW Datasheet(HTML) 1 Page - Linear Technology

  LTC1458CSW Datasheet HTML 1Page - Linear Technology LTC1458CSW Datasheet HTML 2Page - Linear Technology LTC1458CSW Datasheet HTML 3Page - Linear Technology LTC1458CSW Datasheet HTML 4Page - Linear Technology LTC1458CSW Datasheet HTML 5Page - Linear Technology LTC1458CSW Datasheet HTML 6Page - Linear Technology LTC1458CSW Datasheet HTML 7Page - Linear Technology LTC1458CSW Datasheet HTML 8Page - Linear Technology LTC1458CSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC1458/LTC1458L
Quad 12-Bit Rail-to-Rail
Micropower DACs
Daisy-Chained Control Outputs
The LTC
®1458/LTC1458L are complete single supply,
quad rail-to-rail voltage output, 12-bit digital-to-analog
converters (DACs) in SO-28 and SSOP-28 packages. They
include an output buffer amplifier with variable gain (
×1 or
×2) and an easy-to-use 3-wire cascadable serial interface.
The LTC1458 has an onboard reference of 2.048V and a
full-scale output of 4.095V in a
×2 gain configuration. It
operates from a single 4.5V to 5.5V supply dissipating
only 5.5mW (ICC = 1.1mA typ).
The LTC1458L has an onboard 1.22V reference and a full-
scale output of 2.5V in a
×2 gain configuration. It operates
from a single supply of 2.7V to 5.5V dissipating 2.4mW.
Excellent DNL, low supply current and a wide range of
built-in functions allow these parts to be used in a host of
applications when flexibility, power and single supply
operation are important.
s
Quad 12-Bit DAC
s
Buffered True Rail-to-Rail Voltage Output
s
Maximum DNL Error: 0.5LSB
s
5V Operation, ICC: 1.1mA Typ (LTC1458)
s
3V Operation, ICC: 800µA Typ (LTC1458L)
s
Internal or External Reference Operation
s
Settling Time: 14
µs to ±0.5LSB
s
Schmitt Trigger On Clock Input Allows Direct
Optocoupler Interface
s
Power-On Reset and CLR Pin
s
SSOP-28 Package
s
3-Wire Cascadable Serial Interface with 250kHz
Update Rate
s
Low Cost
Functional Block Diagram: Quad 12-Bit Rail-to-Rail DAC
Differential Nonlinearity
vs Input Code
s
Digital Calibration
s
Industrial Process Control
s
Automatic Test Equipment
s
Low Power Systems
1458 BD01
48-BIT
SHIFT REGISTER
AND
DAC REGISTER
CLK
DIN
5V (LTC1458)
3V TO 5V (LTC1458L)
2.048V (LTC1458)
1.22V (LTC1458L)
REFHI C
REFOUT
VOUT C
VCC
REFLO C
X1/X2 C
X1/X2 D
X1/X2 A
X1/X2 B
REFHI D
VOUT D
REFLO D
REFHI B
FROM
µP
VOUT B
REFLO B
REFHI A
VOUT A
REFLO A
DOUT
CS/LD
CLR
DAC D
DAC C
DAC B
DAC A
CODE
0
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
1024
2048 2560
1458 G09
512
1536
3072 3584 4095
DESCRIPTIO
FEATURES
APPLICATIO S
TYPICAL APPLICATIO
, LTC and LT are registered trademarks of Linear Technology Corporation.


Similar Part No. - LTC1458CSW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1458CSW LINER-LTC1458CSW Datasheet
248Kb / 12P
Quad 12-Bit Rail-to-Rail Micropower DACs
More results

Similar Description - LTC1458CSW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1454 LINER-LTC1454 Datasheet
246Kb / 12P
Dual 12-Bit Rail-to-Rail Micropower DACs
LTC1458 LINER-LTC1458 Datasheet
248Kb / 12P
Quad 12-Bit Rail-to-Rail Micropower DACs
LTC2609 LINER-LTC2609 Datasheet
318Kb / 20P
Quad 16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2609 LINER-LTC2609_09 Datasheet
251Kb / 22P
Quad 16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC1454L LINER-LTC1454L_15 Datasheet
181Kb / 12P
Dual 12-Bit Rail-to-Rail Micropower DACs
LTC1458 LINER-LTC1458_15 Datasheet
178Kb / 12P
Quad 12-Bit Rail-to-Rail Micropower DACs
LTC1458L LINER-LTC1458L_15 Datasheet
178Kb / 12P
Quad 12-Bit Rail-to-Rail Micropower DACs
LTC2609 LINER-LTC2609_15 Datasheet
336Kb / 22P
Quad 16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2619 LINER-LTC2619_15 Datasheet
336Kb / 22P
Quad 16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2629 LINER-LTC2629_15 Datasheet
336Kb / 22P
Quad 16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com