Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1458CSW Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1458CSW
Description  Quad 12-Bit Rail-to-RailvMicropower DACs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1458CSW Datasheet(HTML) 4 Page - Linear Technology

  LTC1458CSW Datasheet HTML 1Page - Linear Technology LTC1458CSW Datasheet HTML 2Page - Linear Technology LTC1458CSW Datasheet HTML 3Page - Linear Technology LTC1458CSW Datasheet HTML 4Page - Linear Technology LTC1458CSW Datasheet HTML 5Page - Linear Technology LTC1458CSW Datasheet HTML 6Page - Linear Technology LTC1458CSW Datasheet HTML 7Page - Linear Technology LTC1458CSW Datasheet HTML 8Page - Linear Technology LTC1458CSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC1458/LTC1458L
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Nonlinearity is defined from the first code that is greater than or
equal to the maximum offset specification to code 4095 (full scale).
Note 3: Load is 5k
Ω in parallel with 100pF.
Note 4: DAC switched between all 1s and the code corresponding to VOS
for the part.
Note 5: Digital inputs at 0V or VCC.
LTC1458
Integral Nonlinearity (INL)
LTC1458
Differential Nonlinearity (DNL)
CODE
0
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
1024
2048 2560
1458 G09
512
1536
3072 3584 4095
CODE
0
2.0
1.6
1.2
0.8
0.4
0
–0.4
–0.8
–1.2
–1.6
–2.0
1024
2048 2560
1458 G08
512
1536
3072 3584 4095
Minimum Supply Headroom for
Full Output Swing vs Load Current
LOAD CURRENT (mA)
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
1458 G03
0
∆VOUT < 1LSB
REFLO = GND
X1/X2 = GND
CODE: ALL 1's
VOUT = 4.095V
5
10
15
20
25
30
Minimum Output Voltage vs
Output Sink Current
Output Swing vs Load Resistance
LOAD RESISTANCE (
Ω)
10
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
100
1k
10k
1458 G05A
RL
REFLO = GND
X1/X2 = GND
DAC CODE = FFFH
LOAD RESISTANCE (
Ω)
10
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
100
1k
10k
1458 G06A
REFLO = GND
X1/X2 = GND
DAC CODE = OOOH
RL
VCC
OUTPUT SINK CURRENT (mA)
1000
900
800
700
600
500
400
300
200
100
0.1
1458 G04
0
REFLO = GND
X1/X2 = GND
125
°C
–55
°C
25
°C
5
10
15
20
25
30
Output Swing vs Load Resistance
ELECTRICAL CHARACTERISTICS
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com