Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1458LCSW Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1458LCSW
Description  Quad 12-Bit Rail-to-RailvMicropower DACs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1458LCSW Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1458LCSW Datasheet HTML 4Page - Linear Technology LTC1458LCSW Datasheet HTML 5Page - Linear Technology LTC1458LCSW Datasheet HTML 6Page - Linear Technology LTC1458LCSW Datasheet HTML 7Page - Linear Technology LTC1458LCSW Datasheet HTML 8Page - Linear Technology LTC1458LCSW Datasheet HTML 9Page - Linear Technology LTC1458LCSW Datasheet HTML 10Page - Linear Technology LTC1458LCSW Datasheet HTML 11Page - Linear Technology LTC1458LCSW Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LTC1458/LTC1458L
©LINEAR TECHNOLOGY CORPORATION 1996
14588lfa LT/LCG 0700 2K REV A • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1257
Single 12-Bit VOUT DAC, Full Scale: 2.048V, VCC: 4.75V to 15.75V,
5V to 15V Single Supply, Complete VOUT DAC in
Reference Can Be Overdriven up to 12V, i.e., FSMAX = 12V
SO-8 Package
LTC1446/LTC1446L
Dual 12-Bit Rail-to-Rail Output DACs in SO-8 Package
LTC1446: VCC = 4.5V to 5.5V, VOUT = 0V to 4.095V
LTC1446L: VCC = 2.7V to 5.5V, VOUT = 0V to 2.5V
LTC1450/LTC1450L
Single 12-Bit Rail-to-Rail Output DACs with Parallel Interface
LTC1450: VCC = 4.5V to 5.5V, VOUT = 0V to 4.095V
LTC1450L: VCC = 2.7V to 5.5V, VOUT = 0V to 2.5V
LTC1451
Single Rail-to-Rail 12-Bit DAC, Full Scale: 4.095V, VCC: 4.5V to 5.5V
Low Power, Complete VOUT DAC in SO-8 Package
LTC1452
Single Rail-to-Rail 12-Bit VOUT Multiplying DAC, VCC: 2.7V to 5.5V
Low Power, Multiplying VOUT DAC with Rail-to-Rail
Buffer Amplifier in SO-8 Package
LTC1453
Single Rail-to-Rail 12-Bit VOUT DAC, Full Scale: 2.5V, VCC: 2.7V to 5.5V
3V, Low Power, Complete VOUT DAC in SO-8 Package
LTC1454/LTC1454L
Dual 12-Bit VOUT DACs in SO-16 Package with Added Functionality
LTC1454: VCC = 4.5V to 5.5V, VOUT = 0V to 4.095V
LTC1454L: VCC = 2.7V to 5.5V, VOUT = 0V to 2.5V
LTC1456
Single Rail-to-Rail Output 12-Bit DAC with Clear Pin,
Low Power, Complete VOUT DAC in SO-8 Package
Full Scale: 4.095V, VCC: 4.5V to 5.5V
with Clear Pin
LTC1655/LTC1655L
Single 16-Bit VOUT DAC with Serial Interface in SO-8
VCC = 5V (3V), Low Power, Deglitched,
VOUT = 0V to 4.096V (0V to 2.5V)
LTC1661
Dual 10-Bit VOUT DAC in 8-Lead MSOP Package
VCC = 2.7V to 5.5V Micropower, Rail-to-Rail Output
LTC1662
Ultralow Power, Dual 10-Bit DAC in 8-Lead MSOP Package
1.5
µA ICC per DAC, 2.7V to 5.5V Supply Range
LTC1664
Quad 10-Bit VOUT DAC in 16-Pin Narrow SSOP
Pin Compatible with the LTC1660, 2.7V to 5.5V
Supply Range
LTC1665/LTC1660
Octal 8/10-Bit VOUT DAC in 16-Pin Narrow SSOP
VCC = 2.7V to 5.5V, Micropower, Rail-to-Rail Output
VCC
X1/X2 B
VOUT B
CLR
REFHI B
GND
REFLO B
REFLO A
REFHI A
REFOUT
NC
VOUT A
X1/X2 A
VCC
X1/X2 C
VOUT C
CS/LD
DIN
REFHI C
GND
REFLO C
REFLO D
REFHI D
DOUT
CLK
NC
VOUT D
X1/X2 D
LTC1458
LTC1458L
0.1
µF
1458 TA03
LTC1458: 0V TO 4.095V
LTC1458L: 0V TO 2.5V
LTC1458: 0V TO 4.095V
LTC1458L: 0V TO 2.5V
LTC1458: 2.048V
LTC1458L: 1.22V
LTC1458: 0V TO 4.095V
LTC1458L: 0V TO 2.5V
LTC1458: 0V TO 4.095V
LTC1458L: 0V TO 2.5V
LTC1458: 4.5V TO 5.5V
LTC1458L: 2.7V TO 5.5V
µP
TYPICAL APPLICATIO
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900q FAX:(408)434-0507 q www.linear-tech.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com