Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1458LCSW Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1458LCSW
Description  Quad 12-Bit Rail-to-RailvMicropower DACs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1458LCSW Datasheet(HTML) 3 Page - Linear Technology

  LTC1458LCSW Datasheet HTML 1Page - Linear Technology LTC1458LCSW Datasheet HTML 2Page - Linear Technology LTC1458LCSW Datasheet HTML 3Page - Linear Technology LTC1458LCSW Datasheet HTML 4Page - Linear Technology LTC1458LCSW Datasheet HTML 5Page - Linear Technology LTC1458LCSW Datasheet HTML 6Page - Linear Technology LTC1458LCSW Datasheet HTML 7Page - Linear Technology LTC1458LCSW Datasheet HTML 8Page - Linear Technology LTC1458LCSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LTC1458/LTC1458L
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = TMIN to TMAX. VCC = 4.5V to 5.5V (LTC1458), 2.7V to 5.5V (LTC1458L),
X1/X2 = REFLO = GND, REFHI = REFOUT, VOUT unloaded, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Reference Input Capacitance
15
pF
Short-Circuit Current
REFOUT Shorted to GND
q
45
120
mA
Power Supply
VCC
Positive Supply Voltage
For Specified Performance, LTC1458
q
4.5
5.5
V
LTC1458L
q
2.7
5.5
V
ICC
Supply Current
4.5V
≤ VCC ≤ 5.5V (Note 5) , LTC1458
q
1100
2400
µA
2.7V
≤ VCC ≤ 5.5V (Note 5), LTC1458L
q
800
2000
µA
Op Amp DC Performance
Short-Circuit Current Low
VOUT Shorted to GND
q
60
120
mA
Short-Circuit Current High
VOUT Shorted to VCC
q
70
120
mA
Output Impedance to GND
Input Code = 0
q
40
160
Ω
AC Performance
Voltage Output Slew Rate
(Note 3)
q
0.5
1.0
V/
µs
Voltage Output Settling Time
(Notes 3, 4) to
±0.5LSB
14
µs
Digital Feedthrough
0.3
nV • s
AC Feedthrough
REFHI = 1kHz, 2VP-P, (Code: All 0s)
– 95
dB
SINAD
Signal-to-Noise + Distortion
REFHI = 1kHz, 2VP-P, (Code: All 1s)
85
dB
The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at
TA = TMIN to TMAX. VCC = 5V (LTC1458), 3V (LTC1458L), unless otherwise noted.
LTC1458
LTC1458L
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Digital I/O
VIH
Digital Input High Voltage
q
2.4
2.0
V
VIL
Digital Input Low Voltage
q
0.8
0.6
V
VOH
Digital Output High Voltage
IOUT = – 1mA
q
VCC – 1.0
VCC – 0.7
V
VOL
Digital Output Low Voltage
IOUT = 1mA
q
0.4
0.4
V
ILEAK
Digital Input Leakage
VIN = GND to VCC
q
±10
±10
µA
CIN
Digital Input Capacitance
Guaranteed by Design,
q
10
10
pF
Not Subject to Test
Switching
t1
DIN Valid to CLK Setup
q
40
60
ns
t2
DIN Valid to CLK Hold
q
00
ns
t3
CLK High Time
q
40
60
ns
t4
CLK Low Time
q
40
60
ns
t5
CS/LD Pulse Width
q
50
80
ns
t6
LSB CLK to CS/LD
q
40
60
ns
t7
CS/LD Low to CLK
q
20
30
ns
t8
DOUT Output Delay
CLOAD = 15pF
q
150
220
ns
t9
CLK Low to CS/LD Low
q
20
30
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com