Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1502CS8-3.3 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1502CS8-3.3
Description  Single Cell to 3.3V Regulated Charge Pump DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1502CS8-3.3 Datasheet(HTML) 4 Page - Linear Technology

  LTC1502CS8-3.3 Datasheet HTML 1Page - Linear Technology LTC1502CS8-3.3 Datasheet HTML 2Page - Linear Technology LTC1502CS8-3.3 Datasheet HTML 3Page - Linear Technology LTC1502CS8-3.3 Datasheet HTML 4Page - Linear Technology LTC1502CS8-3.3 Datasheet HTML 5Page - Linear Technology LTC1502CS8-3.3 Datasheet HTML 6Page - Linear Technology LTC1502CS8-3.3 Datasheet HTML 7Page - Linear Technology LTC1502CS8-3.3 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LTC1502-3.3
GND (Pin 4): Ground. Connect to a ground plane for best
performance.
VIN (Pin 5): Input Supply Voltage. Bypass VIN with a ≥10µF
low ESR capacitor to ground.
C3– (Pin 6): Charge Pump 2 (CP2) Flying Capacitor
Negative Terminal.
C3+ (Pin 7): Charge Pump 2 Flying Capacitor Positive
Terminal.
VOUT (Pin 8): 3.3V Regulated Output Voltage. VOUT is
disconnected from VIN during shutdown. Bypass VOUT
with a
≥10µF low ESR capacitor to ground.
PIN FUNCTIONS
C2 (Pin 1): Charge Pump 1 (CP1) Output. This pin also
serves as the input supply for charge pump 2 (CP2). To
ensure proper start-up, the C2 pin must not be externally
loaded. Bypass the C2 pin with a
≥10µF low ESR capacitor
to ground.
C1+ (Pin 2): Charge Pump 1 Flying Capacitor Positive
Terminal.
C1–/SHDN (Pin 3): Charge Pump 1 Flying Capacitor Nega-
tive Terminal and Shutdown Input. Pulling this pin to
ground through a
≈100Ω resistor will put the part into
shutdown mode. With a high resistance pull-down FET,
the series resistor may be eliminated. The external pull-
down device must be high impedance for normal opera-
tion (see Applications Information). Peak voltage present
on this pin is approximately equal to VIN.
BLOCK DIAGRAM
TIMING
CONTROL
BIAS
CONTROL
1.2V
REF
CP2
C3
C1
CP1
SHDN
OSCEN
INTERNAL
VCC
CLK1/CLK2
U3
U4
U2
C2
VOUT
HIZ2
HIZ1
1M
1.2M
2.1M
COUT
C2
COMP2
COMP3
COMP1
400k
0.55V
+
2.5
µA
C1–/SHDN
SHUTDOWN
C1+
C3–
C3+
VIN
32
C2
1
6
7
VOUT
8
VIN
5
GND
1502-3.3 BD
4
CIN



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com