Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1502CS8-3.3 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1502CS8-3.3
Description  Single Cell to 3.3V Regulated Charge Pump DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1502CS8-3.3 Datasheet(HTML) 1 Page - Linear Technology

  LTC1502CS8-3.3 Datasheet HTML 1Page - Linear Technology LTC1502CS8-3.3 Datasheet HTML 2Page - Linear Technology LTC1502CS8-3.3 Datasheet HTML 3Page - Linear Technology LTC1502CS8-3.3 Datasheet HTML 4Page - Linear Technology LTC1502CS8-3.3 Datasheet HTML 5Page - Linear Technology LTC1502CS8-3.3 Datasheet HTML 6Page - Linear Technology LTC1502CS8-3.3 Datasheet HTML 7Page - Linear Technology LTC1502CS8-3.3 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LTC1502-3.3
Single Cell to 3.3V
Regulated Charge Pump
DC/DC Converter
s
Input Voltage Range: 0.9V to 1.8V
s
0.9V Guaranteed Start-Up Voltage
s
Regulated Output Voltage: 3.3V
±4%
s
Output Current: 10mA (VIN ≥ 1V)
s
No Inductors
s
Shutdown Disconnects Load from VIN
s
Low Operating Current: 40
µA
s
Low Shutdown Current: 5
µA
s
Short-Circuit and Overtemperature Protected
s
Application Circuit Fits in < 0.125in2 PCB Area
s
Available in 8-Pin MSOP and SO Packages
The LTC
®1502-3.3 is a quadrupler charge pump DC/DC
converter that produces a regulated 3.3V output from a
single alkaline cell input. It requires only five small external
capacitors—no inductors are required. Low supply cur-
rent (40
µA typical, 5µA in shutdown) and minimal external
components make the LTC1502-3.3 ideal for space and
power conscious single-cell applications. The total printed
circuit board area of the circuit shown below is less than
0.125in2.
Forcing the C1–/SHDN pin low through an external resis-
tive pull-down puts the part into shutdown mode. During
shutdown, the internal oscillator is stopped and the load is
disconnected from VIN. An internal pull-up current on the
C1–/SHDN pin forces the part back into normal operation
once the pull-down resistance is removed.
The LTC1502-3.3 is short-circuit protected and survives
an indefinite VOUT short to ground. The LTC1502-3.3 is
available in 8-pin MSOP and SO packages.
, LTC and LT are registered trademarks of Linear Technology Corporation.
Output Voltage vs Input Voltage
1
2
3
1502-3.3 TA01
4
8
7
1
µF
6
5
VIN
GND
1
µF
VIN
SINGLE CELL
NiCd or
ALKALINE
10
µF
10
µF
10
µF
VOUT = 3.3V
IOUT = 10mA
LTC1502-3.3
C2
C1+
C1–/SHDN
VOUT
C3+
C3 –
Single Cell to 3.3V DC/DC Converter
s
Pagers
s
Battery Backup Supplies
s
Portable Electronic Equipment
s
Handheld Medical Instruments
s
Glucose Meters
INPUT VOLTAGE (V)
0.8
3.3
3.4
3.5
1.6
1502-3.3 TA02
3.2
3.1
3.0
1.0
1.2
1.4
1.8
TA = 25°C
IOUT = 10mA
IOUT = 15mA
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
PCB LAYOUT FITS IN < 0.125IN2


Similar Part No. - LTC1502CS8-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1502-3.3 LINER-LTC1502-3.3 Datasheet
177Kb / 8P
Single Cell to 3.3V Regulated Charge Pump DC/DC Converter
LTC1502-3.3 LINER-LTC1502-3.3_15 Datasheet
177Kb / 8P
Single Cell to 3.3V Regulated Charge Pump DC/DC Converter
More results

Similar Description - LTC1502CS8-3.3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST619LB STMICROELECTRONICS-ST619LB Datasheet
254Kb / 9P
DC-DC CONVERTER REGULATED 5V CHARGE PUMP
May-2001
logo
Linear Technology
LTC1516 LINER-LTC1516 Datasheet
105Kb / 8P
Micropower, Regulated 5V Charge Pump DC/DC Converter
logo
Maxim Integrated Produc...
MAX619 MAXIM-MAX619 Datasheet
66Kb / 7P
Regulated 5V Charge-Pump DC-DC Converter
Rev 2; 5/96
logo
List of Unclassifed Man...
MAS9251 ETC-MAS9251 Datasheet
331Kb / 11P
REGULATED CHARGE PUMP DC/DC CONVERTER
logo
Fairchild Semiconductor
FAN5601 FAIRCHILD-FAN5601 Datasheet
433Kb / 14P
Regulated Step-Down Charge Pump DC/DC Converter
logo
STMicroelectronics
ST619LB STMICROELECTRONICS-ST619LB_07 Datasheet
703Kb / 16P
DC-DC converter regulated 5 V charge pump
07-Nov-2007
logo
ON Semiconductor
CAT3200 ONSEMI-CAT3200 Datasheet
196Kb / 12P
Low Noise Regulated Charge Pump DC-DC Converter
May, 2010 ??Rev. 13
logo
STMicroelectronics
ST619LBN STMICROELECTRONICS-ST619LBN Datasheet
696Kb / 17P
DC-DC converter regulated 5 V charge pump
07-Nov-2007
logo
Linear Technology
LTC1502-3.3 LINER-LTC1502-3.3_15 Datasheet
177Kb / 8P
Single Cell to 3.3V Regulated Charge Pump DC/DC Converter
logo
HEXIN SEMICONDUCTOR.
HX4004A HEXIN-HX4004A Datasheet
225Kb / 9P
Low Noise, Regulated Charge Pump DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com