Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1518CS Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1518CS
Description  52Mbps Precision Delay RS485 Quad Line Receivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1518CS Datasheet(HTML) 4 Page - Linear Technology

  LTC1518CS Datasheet HTML 1Page - Linear Technology LTC1518CS Datasheet HTML 2Page - Linear Technology LTC1518CS Datasheet HTML 3Page - Linear Technology LTC1518CS Datasheet HTML 4Page - Linear Technology LTC1518CS Datasheet HTML 5Page - Linear Technology LTC1518CS Datasheet HTML 6Page - Linear Technology LTC1518CS Datasheet HTML 7Page - Linear Technology LTC1518CS Datasheet HTML 8Page - Linear Technology LTC1518CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC1518/LTC1519
CMRR vs Frequency
Supply Current vs Data Rate
Supply Current
vs Temperature and Data Rate
Propagation Delay
vs Common Mode
Maximum Data Rate
vs Input Differential Voltage
Propagation Delay
vs Load Capacitance
Propagation Delay (tPLH/tPHL)
vs Temperature
Propagation Delay
vs Input Differential Voltage
FREQUENCY (Hz)
10
42.0
42.5
43.5
44.0
44.5
46.5
15189 G01
43.0
1k
100k
10M
45.0
45.5
46.0
TA = 25°C
VCM = 2.5V
TEMPERATURE (
°C)
–50
–25
0
10
25
0
50
75
15189 G02
5
20
15
25
100
125
VCM = 2.5V
VID = 1.5V
DATA RATE (Mbps)
0
50
45
40
35
30
25
20
15
10
5
0
40
15189 G03
10
20
30
50
TA = 25°C
VCM = 2.5V
VID = 1.5V
4 RECEIVERS
SWITCHING
1 RECEIVER
SWITCHING
DATA RATE (Mbps)
0
30
25
20
15
10
5
0
40
15189 G04
10
20
30
50
VCM = 2.5V
VID = 1.5V
1 RECEIVER
SWITCHING
100
°C
25
°C
0
°C
–25
°C
–50
°C
LOAD CAPACITANCE (pF)
5
15 25
35
55
105
205
30
25
20
15
10
5
0
15189 G05
TA = 25°C
VCM = 2.5V
VID = 1.5V
COMMON MODE (V)
–6
25
20
15
10
5
0
–2
2
412
15189 G06
–4
0
6
8
10
TA = 25°C
VID = 1.5V
INPUT DIFFERENTIAL (V)
0.3
25
20
15
10
5
0
0.5
1.0
1.5
2.0
15189 G07
2.5
TA = 25°C
VCM = 2.5V
INPUT DIFFERENTIAL (V)
0.3
70
60
50
40
30
20
10
0
0.5
1.0
1.5
2.0
15189 G08
2.5
TA = 25°C
VCM = 2.5V
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com