Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1518CS Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1518CS
Description  52Mbps Precision Delay RS485 Quad Line Receivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1518CS Datasheet(HTML) 5 Page - Linear Technology

  LTC1518CS Datasheet HTML 1Page - Linear Technology LTC1518CS Datasheet HTML 2Page - Linear Technology LTC1518CS Datasheet HTML 3Page - Linear Technology LTC1518CS Datasheet HTML 4Page - Linear Technology LTC1518CS Datasheet HTML 5Page - Linear Technology LTC1518CS Datasheet HTML 6Page - Linear Technology LTC1518CS Datasheet HTML 7Page - Linear Technology LTC1518CS Datasheet HTML 8Page - Linear Technology LTC1518CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC1518/LTC1519
LTC1518
B1 (Pin 1): Receiver 1 Inverting Input.
A1 (Pin 2): Receiver 1 Noninverting Input.
OUT 1 (Pin 3): Receiver 1 Output.
EN (Pin 4): A high enables all outputs; a low on Pin 4 and
a high on Pin 12 will put all outputs into a high impedance
state. Do not float.
OUT 2 (Pin 5): Receiver 2 Output.
A2 (Pin 6): Receiver 2 Noninverting Input.
B2 (Pin 7): Receiver 2 Inverting Input.
GND (Pin 8): Ground Pin. A ground plane is recommended
for all LTC1518 applications.
B3 (Pin 9): Receiver 3 Inverting Input.
A3 (Pin 10): Receiver 3 Noninverting Input.
OUT 3 (Pin 11): Receiver 3 Output.
EN (Pin 12): A low enables all outputs; a low on Pin 4 and
a high on Pin 12 will put all outputs into a high impedance
state. Do not float.
OUT 4 (Pin 13): Receiver 4 Output.
A4 (Pin 14): Receiver 4 Noninverting Input.
B4 (Pin 15): Receiver 4 Inverting Input.
VDD (Pin 16): Power Supply Input. This pin should be
decoupled with a 0.1
µF ceramic capacitor as close as
possible to the pin. Recommended: VDD = 5V ±5%.
LTC1519
B1 (Pin 1): Receiver 1 Inverting Input.
A1 (Pin 2): Receiver 1 Noninverting Input.
OUT 1 (Pin 3): Receiver 1 Output.
EN12 (Pin 4): A high enables receivers 1 and 2; a low will
put the outputs of receivers 1 and 2 into a high impedance
state. Do not float.
OUT 2 (Pin 5): Receiver 2 Output.
A2 (Pin 6): Receiver 2 Noninverting Input.
B2 (Pin 7): Receiver 2 Inverting Input.
GND (Pin 8): Ground Pin. A ground plane is recommended
for all LTC1519 applications.
B3 (Pin 9): Receiver 3 Inverting Input.
A3 (Pin 10): Receiver 3 Noninverting Input.
OUT 3 (Pin 11): Receiver 3 Output.
EN34 (Pin 12): A high enables receivers 3 and 4; a low will
put the outputs of receivers 3 and 4 into a high impedance
state. Do not float.
OUT 4 (Pin 13): Receiver 4 Output.
A4 (Pin 14): Receiver 4 Noninverting Input.
B4 (Pin 15): Receiver 4 Inverting Input.
VDD (Pin 16): Power Supply Input. This pin should be
decoupled with a 0.1
µF ceramic capacitor as close as
possible to the pin. Recommended: VDD = 5V ±5%.
PI FU CTIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com